Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9942 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L9942
Description  Integrated stepper motor driver for bipolar stepper motors with microstepping and programmable current profile
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9942 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L9942 Datasheet HTML 12Page - STMicroelectronics L9942 Datasheet HTML 13Page - STMicroelectronics L9942 Datasheet HTML 14Page - STMicroelectronics L9942 Datasheet HTML 15Page - STMicroelectronics L9942 Datasheet HTML 16Page - STMicroelectronics L9942 Datasheet HTML 17Page - STMicroelectronics L9942 Datasheet HTML 18Page - STMicroelectronics L9942 Datasheet HTML 19Page - STMicroelectronics L9942 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
3 Electrical specifications
L9942
16/37
3.4.6
Outputs: Qxn (x=A;B n=1;2)
The comparator, which is monitoring current image of HS, is working during ON cycle of PWM
control. If load current is higher as set value then the signal ILIMIT is generated and after filter
time the bridge is switched off. Test mode gets access to signal ILIMIT and threshold of current
can be measured.
Table 12.
Outputs: Qxn (x=A;B n=1;2)
VS = 7 to 20 V, VCC = 3.0 to 5.3 V, EN=VCC, Tj = -40 to 150 °C, IREF = -200 µA, unless
otherwise specified. The voltages are referred to GND and currents are assumed positive,
when the current flows into the pin
Note: 1 Current profile has to pre set with I4 I3 I2 I1 I0 = 11111 and load to register 1 .
2 MIN= 0.92 · IQxnLIM – 0.02 · |IQxnFS_HS | , MAX= 1.08 · IQxnLIM + 0.02 · |IQxnFS_HS |
Output current limit IQxnLIM is product of full scale current |IQxnFS_ | ( bits DC2 DC1 DC0)
and value of DAC
PhaseA/B ( bits I4 I3 I2 I1 I0) in register1.
Values of DAC Phase A and B can read out and depends on set up done before:
1.
direction DIR , stepping mode ST1 ST0 and phase counter P4 P3 P2 P1 P0 in register 0
and
2.
value of corresponding current profile (for address of current profile entry see also
Figure 3).
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
IQxnFS_HS
Value of output current
to supply VS ( so called
full scale value)1
sourcing from HS
switch
Bits: DC2 DC1 DC0=000
60
95
130
mA
Bits: DC2 DC1 DC0=001
100
140
180
Bits: DC2 DC1 DC0=010
180
230
280
Bits: DC2 DC1 DC0=011
300
360
420
Bits: DC2 DC1 DC0=100
485
550
615
Bits: DC2 DC1 DC0=101
720
810
900
Bits: DC2 DC1 DC0=110
1000
1150
1300
Bits: DC2 DC1 DC0=111
1200
1350
1500
IQxnLIM_HS
Accuracy of micro steps
current limit
MIN2
MAX2
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com