Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9942 Datasheet(PDF) 31 Page - STMicroelectronics

Part # L9942
Description  Integrated stepper motor driver for bipolar stepper motors with microstepping and programmable current profile
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9942 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L9942 Datasheet HTML 27Page - STMicroelectronics L9942 Datasheet HTML 28Page - STMicroelectronics L9942 Datasheet HTML 29Page - STMicroelectronics L9942 Datasheet HTML 30Page - STMicroelectronics L9942 Datasheet HTML 31Page - STMicroelectronics L9942 Datasheet HTML 32Page - STMicroelectronics L9942 Datasheet HTML 33Page - STMicroelectronics L9942 Datasheet HTML 34Page - STMicroelectronics L9942 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
L9942
7 Appendix
31/37
7
Appendix
7.1
Stall Detection
The L9942 contains logic blocks designed to detect a motor stall caused by excessive
mechanical load.
During a motor stall condition the load current rises much faster than during normal operation.
The L9942 measures this time and compares it to a programmed value.
This is done by summing the PWM on times for one full quadrant. For a full wave stepping this
is just one value (step 0). For microstepping this includes 8 separate values added together,
one for each step. This measurement is only done on phase A during the quadrants where the
current is increasing naturally (quadrants 1 and 3 of
Figure 15); e.g. stall detection is active
during phase counter values 1 to 8 and 17 to 24 for DIR=0. During the quadrants where the
current is decreasing fast decay recirculation interferes with accurate measurement of this time.
If the sum of the PWM on time is less than a programmed threshold stored in D0-D7, stall is
detected and indicated as a logic “1” in the stall (ST) bit found in register 6 bit 8 (
Figure 15
bottom). If bit 11 of register 6 is set to logical “1” then the ST bit is mirrored to the PWM pin
providing detection externally.
The register values DT7-DT0 store the threshold value in 16us intervals. These bits can be
found interstitially in register 3 (D0, D1), register4 (D2, D3, D4) and register5 (D5, D6, D7).
Care should be taken when deciding the threshold timing. Motor current slew rates are
dependant on the driving voltage, the actual speed of the motor, the back EMF of the motor as
well as the motor and the inductance. Be sure to set your threshold well away from what can be
seen in normal operation at any temperature.
7.2
Load Current Control and Detection of Overcurrent (Shortages
at Outputs)
The L9942 controls load current in the two full bridges by using a pulls with modulation (PWM)
regulator. The mirrored output current of active HS switch is compared with a programmed
reference current (e.g. in figure A2 HSA1 and HSB2). Bridge is switched off if current has
exceeded the programmed limit value.
A second comparator of the related LS switch uses the mirrored load current to detect an
overcurrent to ground during ON state of bridges (e.g. in
Figure 16 LSA2 and LSB1). The event
of shortage from output to supply voltage VS is detectable, but short current between outputs is
limited through PWM controller and so an overcurrent failure will not occur.
Load currents decrease more or less fast during OFF state of bridges depending on selected
decay mode. Slow decay mode is realised by activating the HS switches of the bridge and
current comparator has as new reference the overcurrent limit. A shortage to ground can be
detected, but not between the outputs.
Is it recommended to use the different fast decay modes too, especially in period if the load
current has to reduce from step to step. The duration of fast decay can set by fixed time ore that
it depends on the comparator signal utilising the second current mirror at LS switch. There can
be monitored the undershoot of bridge current during OFF state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com