Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLUENRG-355AT Datasheet(PDF) 70 Page - STMicroelectronics

Part # BLUENRG-355AT
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-355AT Datasheet(HTML) 70 Page - STMicroelectronics

Back Button BLUENRG-355AT Datasheet HTML 64Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 65Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 66Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 67Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 68Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 69Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 70Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 71Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 72Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 70 / 72 page
background image
List of tables
Table 1.
SRAM overview ..................................................................... 7
Table 2.
Relationship between the low power modes and functional blocks ................................. 12
Table 3.
Pin description..................................................................... 24
Table 4.
Legend/abbreviations used in the pinout table ............................................... 27
Table 5.
Alternate function port A .............................................................. 27
Table 6.
Alternate function port B .............................................................. 29
Table 7.
Application circuit external components ................................................... 33
Table 8.
Voltage characteristics ............................................................... 36
Table 9.
Current characteristics ............................................................... 36
Table 10.
Thermal characteristics............................................................... 36
Table 11.
Main performance SMPS ON .......................................................... 37
Table 12.
Main performance SMPS bypassed ...................................................... 38
Table 13.
Peripheral current consumption at VDD = 3.3 V, sysclk at 32 MHz, SMPS on.......................... 38
Table 14.
General operating conditions ........................................................... 39
Table 15.
Bluetooth Low Energy RF general characteristics............................................. 39
Table 16.
Bluetooth Low Energy RF transmitter characteristics at 1 Mbps not coded............................ 40
Table 17.
Bluetooth Low Energy RF transmitter characteristics at 2 Mbps not coded............................ 41
Table 18.
Bluetooth Low Energy RF transmitter characteristics at 1 Mbps LE coded (S=8) ....................... 41
Table 19.
Bluetooth Low Energy RF receiver characteristics at 1 Msym/s uncoded ............................. 42
Table 20.
Bluetooth Low Energy RF receiver characteristics at 2 Msym/s uncoded ............................. 42
Table 21.
Bluetooth Low Energy RF receiver characteristics at 1 Msym/s LE coded (S=2) ........................ 43
Table 22.
Bluetooth Low Energy RF receiver characteristics at 1 Msym/s LE coded (S=8) ........................ 44
Table 23.
Embedded reset and power control block characteristics........................................ 45
Table 24.
Current consumption ................................................................ 45
Table 25.
Low power mode wake-up timing ........................................................ 46
Table 26.
HSE crystal requirements ............................................................. 46
Table 27.
LSE crystal requirements ............................................................. 47
Table 28.
HSI oscillator characteristics ........................................................... 47
Table 29.
LSI oscillator characteristics ........................................................... 47
Table 30.
PLL characteristics.................................................................. 47
Table 31.
Flash memory characteristics .......................................................... 48
Table 32.
Flash memory endurance and data retention ................................................ 48
Table 33.
ESD absolute maximum ratings ......................................................... 48
Table 34.
I/O static characteristics .............................................................. 48
Table 35.
Output voltage characteristics .......................................................... 49
Table 36.
RSTN pin characteristics.............................................................. 49
Table 37.
ADC characteristics (HSI must be set to PLL mode) ........................................... 50
Table 38.
Temperature sensor characteristics ...................................................... 51
Table 39.
TIM1 characteristics ................................................................. 51
Table 40.
IWDG min./max. timeout period at 32 kHz (LSE) ............................................. 52
Table 41.
I2C analog filter characteristics ......................................................... 53
Table 42.
SPI characteristics .................................................................. 53
Table 43.
QFN48 (6x6x0.9, pitch 0.4 mm) mechanical data ............................................. 57
Table 44.
Tolerance of form and position .......................................................... 57
Table 45.
QFN32 (5x5x0.9, pitch 0.5 mm) package information mechanical data .............................. 60
Table 46.
Tolerance of form and position .......................................................... 60
Table 47.
WLCSP49 (3.14x3.14x0.4, pitch 0.4 mm) mechanical data ...................................... 63
Table 48.
Package thermal characteristics......................................................... 64
Table 49.
Ordering information................................................................. 65
Table 50.
Document revision history ............................................................. 66
BlueNRG-LP
List of tables
DS13282 - Rev 2
page 70/72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com