Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLUENRG-355AT Datasheet(PDF) 40 Page - STMicroelectronics

Part # BLUENRG-355AT
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-355AT Datasheet(HTML) 40 Page - STMicroelectronics

Back Button BLUENRG-355AT Datasheet HTML 36Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 37Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 38Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 39Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 40Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 41Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 42Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 43Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 72 page
background image
Symbol
Parameter
Test conditions
Min. Typ.
Max.
Unit
ΔF
Frequency deviation(1)
250
kHz
Δf1
Frequency deviation average(1)
450
550
kHz
CFdev
Center frequency deviation(1)
During the packet and including
both initial frequency offset and drift
±150
kHz
Δfa
Frequency deviation Δf2 (average) / Δf1
(average)(1)
0.80
Rgfsk
On-air data rate(1)
1
2
Mbps
STacc
Symbol time accuracy(1)
±50
ppm
MOD
Modulation scheme
GFSK
BT
Bandwidth-bit period product
0.5
Mindex
Modulation index(1)
0.45
0.5
0.55
PMAX
Maximum output
At antenna connector, VSMPS =
1.9 V, LDO code
+8
dBm
PMIN
Minimum output
At antenna connector
-20
dBm
PRFC
RF power accuracy
@ 27 °C
±1.5
dB
All temperatures
±2.5
1. Tested according to Bluetooth SIG radio frequency physical layer (RF PHY) test suite (not tested in production).
5.3.4
RF transmitter characteristics
All performance data are referred to a 50 Ω antenna connector, via reference design.
Table 16. Bluetooth Low Energy RF transmitter characteristics at 1 Mbps not coded
Symbol
Parameter
Test conditions
Min. Typ. Max.
Unit
PBW1M
6 dB bandwidth for modulated
carrier
Using resolution bandwidth of 100 kHz
500
kHz
PRF1, 1 Ms/s
In-band emission at ±2 MHz(1)
Using resolution bandwidth of 100 kHz and
average detector
-20
dBm
PRF2, 1 Ms/s
In-band emission at ±[3+n]MHz,
where n=0,1,2..(1)
Using resolution bandwidth of 100 kHz and
average detector
-30
dBm
PSPUR
Spurious emission
Harmonics included. Using resolution
bandwidth of 1 MHz and average detector
-41
dBm
Freqdrift
Frequency drift(1)
Integration interval #n – integration interval
#0, where n=2,3,4..k
-50
+50
kHz
IFreqdrift
Initial carrier frequency drift(1)
Integration interval #1 – integration interval
#0
-23
+23
kHz
IntFreqdrift
Intermediate carrier frequency
drift(1)
Integration interval #n – integration interval
#(n-5), where n=6,7,8..k
-20
+20
kHz
Drift Rate max
Maximum drift rate(1)
Between any two 10-bit groups separated by
50 µs
-20
+20
kHz/50
µs
ZRF1
Optimum RF load
(impedance at RF1 pin)
@ 2440 MHz
40
Ω
1. Tested according to Bluetooth SIG radio frequency physical layer (RF PHY) test suite (not tested in production).
BlueNRG-LP
Operating conditions
DS13282 - Rev 2
page 40/72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com