Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLUENRG-355AT Datasheet(PDF) 36 Page - STMicroelectronics

Part # BLUENRG-355AT
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-355AT Datasheet(HTML) 36 Page - STMicroelectronics

Back Button BLUENRG-355AT Datasheet HTML 32Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 33Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 34Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 35Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 36Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 37Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 38Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 39Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 72 page
background image
5.2
Absolute maximum ratings
Stresses above the absolute maximum ratings listed in the tables below, may cause permanent damage to the
device. These are stress ratings only and functional operation of the device at these conditions is not implied.
Exposure to maximum rating conditions for extended periods may affect device reliability.
Table 8. Voltage characteristics
Symbol
Ratings
Min. Max. Unit
VDD1, VDD2, VDD3, VDD4, VDDRF, VDDSD
DC-DC converter supply voltage input and output
-0.3
+3.9
V
VCAP, VDDA
DC voltage on linear voltage regulator
-0.3 +1.32
PA0 to PA15, PB0 to PB4, PB6 to PB15
DC voltage on digital input/output pins
-0.3
+3.9
VLXSD, VFBSD
DC voltage on analog pins
XTAL0/PB12, XTAL1/PB13, OSCIN, OSCOUT, PB5
DC voltage on XTAL pins and PGA_VBIAS_MIC
-0.3
+3.6
RF1
DC voltage on RF pin
+1.4
|ΔVDD|
Variations between different VDDX
power pins of the same domain
50
mV
Note:
All the main power and ground pins must always be connected to the external power supply, in the permitted
range.
Table 9. Current characteristics
Symbol
Ratings
Max.
Unit
ΣIVDD
Total current into sum of all VDD power lines (source)
130
mA
ΣIVGND
Total current out of sum of all ground lines (sink)
130
IVDD(PIN)
Maximum current into each VDD power pin (source)
100
IVGND(PIN)
Maximum current out of each ground pin (sink)
100
IIO(PIN)
Output current sunk by any I/O and control pin
20
Output current sourced by any I/O and control pin
20
ΣIIO(PIN)
Total output current sunk by sum of all I/Os and control pins
100
Total output current sourced by sum of all I/Os and control pins
100
Table 10. Thermal characteristics
Symbol
Ratings
Value
Unit
TSTG
Storage temperature range
-40 to -125
°C
TJ
Maximum junction temperature
125
BlueNRG-LP
Absolute maximum ratings
DS13282 - Rev 2
page 36/72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com