Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLUENRG-355AT Datasheet(PDF) 38 Page - STMicroelectronics

Part # BLUENRG-355AT
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-355AT Datasheet(HTML) 38 Page - STMicroelectronics

Back Button BLUENRG-355AT Datasheet HTML 34Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 35Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 36Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 37Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 38Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 39Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 40Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 41Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 72 page
background image
Table 12. Main performance SMPS bypassed
Symbol
Parameter
Test conditions
Typ.
VDD = 1.8 V
Typ.
VDD = 3.3 V
Unit
ICORE
Core current
consumption
SHUTDOWN
8
19
nA
DEEPSTOP, no
timer, wake-up
GPIO, RAM0
retained
0.44
0.46
µA
DEEPSTOP, no
timer, wake-up
GPIO, all RAM
retained
0.62
0.64
DEEPSTOP (32
kHz LSI), RAM0
retained
0.94
1.06
DEEPSTOP (32
kHz LSI), all RAMs
retained
1.12
1.24
DEEPSTOP (32
kHz LSE ), RAM0
retained
0.64
0.75
DEEPSTOP (32
kHz LSE), all RAM
retained
0.83
0.94
CPU in RUN (64
MHz). Dhrystone,
clock source PLL64
4482
CPU in WFI (64
MHz), all
peripherals off,
clock source PLL64
2230
Radio RX at
sensitivity level
6700
Radio TX 0 dBm
output power
8900
Table 13. Peripheral current consumption at VDD = 3.3 V, sysclk at 32 MHz, SMPS on
Parameter
Test conditions
Typ.
Unit
ADC
80
µA
DMA
39
GPIOA
2
GPIOB
2
I2C1
40
I2C2
39
I2S2
Peripheral clock at 32 MHz
46
I2S3
Peripheral clock at 32 MHz
47
IWDG
11
LPUART
52
PKA
50
BlueNRG-LP
Operating conditions
DS13282 - Rev 2
page 38/72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com