Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDX051-2BU3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ESDX051-2BU3
Description  2 lines ESD protection in bidirectional for high-speed differential interfaces
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDX051-2BU3 Datasheet(HTML) 1 Page - STMicroelectronics

  ESDX051-2BU3 Datasheet HTML 1Page - STMicroelectronics ESDX051-2BU3 Datasheet HTML 2Page - STMicroelectronics ESDX051-2BU3 Datasheet HTML 3Page - STMicroelectronics ESDX051-2BU3 Datasheet HTML 4Page - STMicroelectronics ESDX051-2BU3 Datasheet HTML 5Page - STMicroelectronics ESDX051-2BU3 Datasheet HTML 6Page - STMicroelectronics ESDX051-2BU3 Datasheet HTML 7Page - STMicroelectronics ESDX051-2BU3 Datasheet HTML 8Page - STMicroelectronics ESDX051-2BU3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Features
•
Extra low diode capacitance: 0.13 pF
•
Bidirectional device, 2 lines in 0201
•
Low leakage current
•
0201 package
•
ECOPACK2 compliant component
•
Complies with IEC 61000-4-2 level 4
–
±15 kV (air discharge)
–
±8 kV (contact discharge)
Applications
Where transient over voltage protection in ESD sensitive equipment is required,
such as:
•
Smartphones, mobile phones and accessories
•
Tablets and notebooks
•
Portable multimedia devices and accessories
•
Wearable, home automation, healthcare
•
Highly integrated systems
Description
The ESDX051-2BU3 is a bidirectional single line TVS diode designed to protect the
data line or other I/O ports against ESD transients.
The device is ideal for applications where reduced line capacitance and board space
saving are required.
Product status link
ESDX051-2BU3
2 lines ESD protection in bidirectional for high-speed differential interfaces
ESDX051-2BU3
Datasheet
DS13592 - Rev 1 - December 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - ESDX051-2BU3

ManufacturerPart #DatasheetDescription
logo
UN Semiconducctor INC
ESDXXV08S-4C UNSEMI-ESDXXV08S-4C Datasheet
2Mb / 4P
Transient Voltage Suppressors for ESD Protection
Revision March 1,2022
ESDXXV08S-4L UNSEMI-ESDXXV08S-4L Datasheet
2Mb / 4P
Transient Voltage Suppressors for ESD Protection
Revision March 1,2022
ESDXXV08S-6L UNSEMI-ESDXXV08S-6L Datasheet
2Mb / 4P
Transient Voltage Suppressors for ESD Protection
Revision March 1,2022
ESDXXV08SS-4C UNSEMI-ESDXXV08SS-4C Datasheet
2Mb / 4P
Transient Voltage Suppressors for ESD Protection
Revision March 1,2022
ESDXXV08SS-4L UNSEMI-ESDXXV08SS-4L Datasheet
2Mb / 4P
Transient Voltage Suppressors for ESD Protection
Revision March 1,2022
More results

Similar Description - ESDX051-2BU3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4242CZ6 NXP-IP4242CZ6 Datasheet
59Kb / 9P
ESD protection for high-speed interfaces
Rev. 01-12 March 2009
IP4282CZ6 NXP-IP4282CZ6 Datasheet
59Kb / 9P
ESD protection for high-speed interfaces
Rev. 01-30 March 2009
logo
STMicroelectronics
HSP061-2 STMICROELECTRONICS-HSP061-2 Datasheet
241Kb / 12P
2-line ESD protection for high speed lines
07-Feb-2012
HSP062-2 STMICROELECTRONICS-HSP062-2 Datasheet
216Kb / 11P
2-line ESD protection for high speed lines
07-Feb-2012
logo
SeCoS Halbleitertechnol...
SBESD9N5C SECOS-SBESD9N5C Datasheet
286Kb / 3P
ESD Protection for high-speed interfaces
KS05UL5 SECOS-KS05UL5_15 Datasheet
313Kb / 3P
ESD Protection for high-speed interfaces
logo
NXP Semiconductors
IP4282CZ6 PHILIPS-IP4282CZ6_15 Datasheet
59Kb / 9P
ESD protection for high-speed interfaces
Rev. 01-30 March 2009
logo
Nexperia B.V. All right...
PESD4USB3B-TTS NEXPERIA-PESD4USB3B-TTS Datasheet
243Kb / 11P
ESD protection for high-speed interfaces
11 August 2022
PESD4USB3UTBR-Q NEXPERIA-PESD4USB3UTBR-Q Datasheet
219Kb / 11P
ESD protection for high-speed interfaces
11 August 2022
PESD4USB5UTBR-Q NEXPERIA-PESD4USB5UTBR-Q Datasheet
219Kb / 11P
ESD protection for high-speed interfaces
11 August 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com