Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDX051-2BU3 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ESDX051-2BU3
Description  2 lines ESD protection in bidirectional for high-speed differential interfaces
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDX051-2BU3 Datasheet(HTML) 2 Page - STMicroelectronics

  ESDX051-2BU3 Datasheet HTML 1Page - STMicroelectronics ESDX051-2BU3 Datasheet HTML 2Page - STMicroelectronics ESDX051-2BU3 Datasheet HTML 3Page - STMicroelectronics ESDX051-2BU3 Datasheet HTML 4Page - STMicroelectronics ESDX051-2BU3 Datasheet HTML 5Page - STMicroelectronics ESDX051-2BU3 Datasheet HTML 6Page - STMicroelectronics ESDX051-2BU3 Datasheet HTML 7Page - STMicroelectronics ESDX051-2BU3 Datasheet HTML 8Page - STMicroelectronics ESDX051-2BU3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
1
Characteristics
Table 1. Absolute maximum ratings (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
VPP
Peak pulse voltage
IEC 61000-4-2 contact discharge
IEC 61000-4-2 air discharge
8
15
kV
PPP
Peak pulse power dissipation (8/20 μs)
15
W
IPP
Peak pulse current (8/20 μs)
1
A
Tj
Operating junction temperature range
-55 to +150
°C
Tstg
Storage temperature range
-65 to +150
°C
TL
Maximum lead temperature for soldering during 10 s
260
°C
Figure 1. Electrical characteristics (definitions)
V
CLVBR
V
I
V
I
Symbol
Parameter
V
BR
=
Breakdown voltage
I
RM
=
Leakage current at V
RM
V
RM
=
Stand-off voltage
I
PP
=
Peak pulse current
R
D
V
CL
=
Clamping voltage
=
Dynamic resistance
I
R
=
Breakdown current
C
LINE
=
Input capacitance per line
V
CL
V
BR
V
RM
V
RM
I
RM
I
RM
I
R
I
PP
I
PP
I
R
Table 2. Electrical characteristics (Tamb = 25 °C)
Symbol
Test condition
Min. Typ. Max.
Unit
VBR
IR = 1mA
6.0
6.8
10
V
VRM
5
V
IRM
VRM = 5 V
100
nA
VCL
8 kV contact discharge after 30 ns, IEC 61000-4-2, pin 1 to pin2, pin 3 to pin 2
34
V
8/20 µs waveform, IPP = 1 A
13
15
V
RD
Pulse duration 100 ns
1.5
Ω
FC
Cut-off frequency at -3 dB
> 40
GHz
CLINE
F = 3 GHz, VLINE = 0 V
0.13
0.19
pF
IL
Insertion loss at F = 10 GHz
0.24
dB
ESDX051-2BU3
Characteristics
DS13592 - Rev 1
page 2/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com