Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDX051-2BU3 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ESDX051-2BU3
Description  2 lines ESD protection in bidirectional for high-speed differential interfaces
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDX051-2BU3 Datasheet(HTML) 3 Page - STMicroelectronics

  ESDX051-2BU3 Datasheet HTML 1Page - STMicroelectronics ESDX051-2BU3 Datasheet HTML 2Page - STMicroelectronics ESDX051-2BU3 Datasheet HTML 3Page - STMicroelectronics ESDX051-2BU3 Datasheet HTML 4Page - STMicroelectronics ESDX051-2BU3 Datasheet HTML 5Page - STMicroelectronics ESDX051-2BU3 Datasheet HTML 6Page - STMicroelectronics ESDX051-2BU3 Datasheet HTML 7Page - STMicroelectronics ESDX051-2BU3 Datasheet HTML 8Page - STMicroelectronics ESDX051-2BU3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
1.1
Characteristics (curves)
Figure 2. Leakage current versus junction temperature
(typical values)
0
10
20
30
40
50
60
70
80
90
0
50
100
150
Ir(nA)
T
j(°C)
Ir at V
RM = 5 V
Figure 3. Junction capacitance versus applied voltage
(typical values)
0.000
0.050
0.100
0.150
0.200
0.250
0.300
0.350
0.400
0.450
0.500
-5
-4
-3
-2
-1
0
1
2
3
4
5
C(pF)
V
r (V)
F = 1MHz
V
osc = 30mVRMS
T
j = 25°C
Figure 4. S21 attenuation measurement result
-2
-1.8
-1.6
-1.4
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
1.0E+07
1.0E+08
1.0E+09
1.0E+10
1.0E+11
S21(dB)
F(Hz)
Figure 5. Junction capacitance versus applied frequency
(typical values)
C(pF)
F(Hz)
Figure 6. ESD response to IEC 61000-4-2 (+8 kV contact
discharge)
50 V/Div
20 ns/Div
V : Peak clamping voltage
CL
V : Clamping voltage at 30 ns
CL
V : Clamping voltage at 60 ns
CL
V : Clamping voltage at 100 ns
CL
1
2
3
4
20V
4
32 V
3
34 V
2
225 V
1
Figure 7. ESD response to IEC 61000-4-2 (-8 kV contact
discharge)
50 V/Div
20 ns/Div
V : Peak clamping voltage
CL
V : Clamping voltage at 30 ns
CL
V : Clamping voltage at 60 ns
CL
V : Clamping voltage at 100 ns
CL
1
2
3
4
-12V
4
-22V
3
-29 V
2
-218 V
1
ESDX051-2BU3
Characteristics (curves)
DS13592 - Rev 1
page 3/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com