Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7983PUR Datasheet(PDF) 10 Page - STMicroelectronics

Part # L7983PUR
Description  60 V, 300 mA synchronous step-down switching regulator with 10 μA quiescent current
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7983PUR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L7983PUR Datasheet HTML 6Page - STMicroelectronics L7983PUR Datasheet HTML 7Page - STMicroelectronics L7983PUR Datasheet HTML 8Page - STMicroelectronics L7983PUR Datasheet HTML 9Page - STMicroelectronics L7983PUR Datasheet HTML 10Page - STMicroelectronics L7983PUR Datasheet HTML 11Page - STMicroelectronics L7983PUR Datasheet HTML 12Page - STMicroelectronics L7983PUR Datasheet HTML 13Page - STMicroelectronics L7983PUR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
Figure 4. Control loop block diagram
Ro
Ru
Rd
VREF
L
Rc
Cc
Vin
Slope
compensation
Current
sense
PWM
Comparator
Power
Switches
FB
Cp
Cu
Vout
Co
HS
LS
+
+ gcs
E/A
Integrated
compensation
Refer to Section 5.7 for further details on power components design.
For the adjustable version (L7983PUR), the output voltage can be programmed through an external resistor
divider, from 0.85 V up to VIN.
The design equation is:
VOUT=0.85∙ 1+RURD
(1)
For the fixed version (L7983PU33R or L7983PU50R), the output voltage programming is achieved by simply
shorting the VOUT(FB) pin to the output capacitor.
L7983
Control loop and voltage programming
DS13354 - Rev 1
page 10/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com