Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7983PUR Datasheet(PDF) 20 Page - STMicroelectronics

Part # L7983PUR
Description  60 V, 300 mA synchronous step-down switching regulator with 10 μA quiescent current
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7983PUR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L7983PUR Datasheet HTML 16Page - STMicroelectronics L7983PUR Datasheet HTML 17Page - STMicroelectronics L7983PUR Datasheet HTML 18Page - STMicroelectronics L7983PUR Datasheet HTML 19Page - STMicroelectronics L7983PUR Datasheet HTML 20Page - STMicroelectronics L7983PUR Datasheet HTML 21Page - STMicroelectronics L7983PUR Datasheet HTML 22Page - STMicroelectronics L7983PUR Datasheet HTML 23Page - STMicroelectronics L7983PUR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
5.6.1
Overcurrent protection (OCP)
In normal operation the HS MOS is turned off when the sensed current is equal to programmed current (refer to
Figure 2). The maximum available current is limited by the internal OCP (overcurrent protection) comparator,
cycle by cycle. The IPK threshold is gradually reduced during the switching period by slope contribution, as shown
in Figure 18.
Figure 18. Peak current limit
IPK
ILX
TON_min
The inductor current is also monitored during LS MOS on-time. This feature, also known as “valley current
limitation”, is effective in case of current runaway due to HS MOS minimum on-time limitation and very low
VOUT / VIN ratio. This protection can avoid the HS MOS turn-on if the inductor current, sensed during LS MOS
on-time, is higher than the IVY threshold (Figure 19).
Figure 19. Valley current limit
IPK
IVY
TON_min
ILX
L7983
Fault management
DS13354 - Rev 1
page 20/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com