Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7983PUR Datasheet(PDF) 16 Page - STMicroelectronics

Part # L7983PUR
Description  60 V, 300 mA synchronous step-down switching regulator with 10 μA quiescent current
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7983PUR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L7983PUR Datasheet HTML 12Page - STMicroelectronics L7983PUR Datasheet HTML 13Page - STMicroelectronics L7983PUR Datasheet HTML 14Page - STMicroelectronics L7983PUR Datasheet HTML 15Page - STMicroelectronics L7983PUR Datasheet HTML 16Page - STMicroelectronics L7983PUR Datasheet HTML 17Page - STMicroelectronics L7983PUR Datasheet HTML 18Page - STMicroelectronics L7983PUR Datasheet HTML 19Page - STMicroelectronics L7983PUR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
The dithering function, enabled by connecting the proper RFSW resistor to VCC, is intended to reduce the DC-DC
electromagnetic emissions, with small impact on output voltage ripple.
Figure 12. RVCC = 0 Ω, dithering enabled, no load
Figure 13. RVCC = 0 Ω, dithering enabled, no load. Detail
The internal dithering circuitry changes the switching frequency in the range of ± 5% of the nominal value. The
device updates the frequency every clock period by fixed steps:
•
Ramps up in 63 steps from minimum to maximum switching frequency
•
Ramps down in 63 steps from maximum to minimum switching frequency
The resulting frequency modulation is almost triangular, with a frequency of:
FDitℎ=FSW126
(3)
L7983
Switching frequency programming and dithering
DS13354 - Rev 1
page 16/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com