Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7983PUR Datasheet(PDF) 42 Page - STMicroelectronics

Part # L7983PUR
Description  60 V, 300 mA synchronous step-down switching regulator with 10 μA quiescent current
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7983PUR Datasheet(HTML) 42 Page - STMicroelectronics

Back Button L7983PUR Datasheet HTML 35Page - STMicroelectronics L7983PUR Datasheet HTML 36Page - STMicroelectronics L7983PUR Datasheet HTML 37Page - STMicroelectronics L7983PUR Datasheet HTML 38Page - STMicroelectronics L7983PUR Datasheet HTML 39Page - STMicroelectronics L7983PUR Datasheet HTML 40Page - STMicroelectronics L7983PUR Datasheet HTML 41Page - STMicroelectronics L7983PUR Datasheet HTML 42Page - STMicroelectronics L7983PUR Datasheet HTML 43Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 42 / 43 page
background image
List of figures
Figure 1.
Typical application circuit ............................................................. 3
Figure 2.
Block diagram .................................................................... 3
Figure 3.
Pin connection (top view) ............................................................. 4
Figure 4.
Control loop block diagram........................................................... 10
Figure 5.
Output voltage programming - adjustable version ........................................... 11
Figure 6.
Output voltage programming - fixed version ............................................... 11
Figure 7.
LNM selected, no load .............................................................. 12
Figure 8.
LCM selected, no load .............................................................. 13
Figure 9.
LCM selected, 10 mA load ........................................................... 13
Figure 10.
LCM selected, 50 mA load ........................................................... 14
Figure 11.
LCM to LNM transition, no load........................................................ 14
Figure 12.
RVCC = 0 Ω, dithering enabled, no load.................................................. 16
Figure 13.
RVCC = 0 Ω, dithering enabled, no load. Detail............................................. 16
Figure 14.
Turn-on example.................................................................. 17
Figure 15.
Turn-off example.................................................................. 18
Figure 16.
Input voltage turn-on threshold programming .............................................. 18
Figure 17.
Output voltage and RST behavior ...................................................... 19
Figure 18.
Peak current limit ................................................................. 20
Figure 19.
Valley current limit................................................................. 20
Figure 20.
Negative current limit example ........................................................ 21
Figure 21.
Overvoltage protection.............................................................. 22
Figure 22.
Evaluation board schematic .......................................................... 26
Figure 23.
PCB layout (Top).................................................................. 27
Figure 24.
PCB layout (Bottom) ............................................................... 27
Figure 25.
12 V efficiency (LCM) .............................................................. 28
Figure 26.
12 V load regulation (LCM)........................................................... 28
Figure 27.
12 V efficiency (LNM) .............................................................. 29
Figure 28.
12 V load regulation (LNM)........................................................... 29
Figure 29.
12 V input current - LCM ............................................................ 29
Figure 30.
12 V input current and FSW - LNM ..................................................... 29
Figure 31.
3.3 V fix efficiency (LCM) ............................................................ 30
Figure 32.
3.3 V fix load regulation (LCM) ........................................................ 30
Figure 33.
3.3 V fix efficiency (LNM) ............................................................ 31
Figure 34.
3.3 V fix load regulation (LNM) ........................................................ 31
Figure 35.
3.3 V fix input current, no load (LCM).................................................... 31
Figure 36.
3.3 V fix input current, no load (LNM).................................................... 31
Figure 37.
5 V fix efficiency (LCM) ............................................................. 32
Figure 38.
5 V fix load regulation (LCM) ......................................................... 32
Figure 39.
5 V fix efficiency (LNM) ............................................................. 33
Figure 40.
5 V fix load regulation (LNM) ......................................................... 33
Figure 41.
5 V fix input current, no load (LCM) ..................................................... 33
Figure 42.
5 V fix input current, no load (LNM) ..................................................... 33
Figure 43.
DFN10 (3 x 3 x 0.8 mm) package outline ................................................. 35
Figure 44.
DFN10 (3 x 3 x 0.8 mm) recommended footprint ............................................ 36
L7983
List of figures
DS13354 - Rev 1
page 42/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com