Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8457CSJ Datasheet(PDF) 28 Page - Infineon Technologies AG

Part # TLE8457CSJ
Description  LIN Transceiver with integrated voltage regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8457CSJ Datasheet(HTML) 28 Page - Infineon Technologies AG

Back Button TLE8457CSJ Datasheet HTML 23Page - Infineon Technologies AG TLE8457CSJ Datasheet HTML 24Page - Infineon Technologies AG TLE8457CSJ Datasheet HTML 25Page - Infineon Technologies AG TLE8457CSJ Datasheet HTML 26Page - Infineon Technologies AG TLE8457CSJ Datasheet HTML 27Page - Infineon Technologies AG TLE8457CSJ Datasheet HTML 28Page - Infineon Technologies AG TLE8457CSJ Datasheet HTML 29Page - Infineon Technologies AG TLE8457CSJ Datasheet HTML 30Page - Infineon Technologies AG TLE8457CSJ Datasheet HTML 31Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
Data Sheet
28
Rev. 1.1
2018-10-15
TLE8457C / TLE8457D
LIN Transceiver with integrated voltage regulator
Application information
7.2
ESD robustness according to IEC61000-4-2
Test for ESD robustness according to IEC61000-4-2 (150 pF, 330 Ω) have been performed. The results and test
conditions are available in a separate test report.
7.3
Transient robustness according to ISO 7637-2
Test for transient robustness according to ISO 7637-2 have been performed. The results and test conditions
are available in a separate test report.
7.4
LIN physical layer compatibility
As the LIN physical layer is independent from higher LIN layers (for example LIN protocol layer), all nodes with
a LIN physical layer corresponding to this revision can be mixed with LIN physical layer nodes, which are
according to older revisions (LIN 1.0, LIN 1.1, LIN 1.2, LIN 1.3, LIN 2.0, LIN 2.1 and LIN 2.2), without any
restrictions.
Table 7
ESD robustness according to IEC61000-4-2
Performed Test
Results Unit
Remarks
Electrostatic discharge voltage at pin VS, BUS versus GND
+8
kV
1)Positive pulse
1) ESD susceptibility according LIN EMC 1.3 Test Specification, Section 4.3. (IEC 61000-4-2) - Tested by external test
house.
Electrostatic discharge voltage at pin VS, BUS versus GND
-8
kV
1)Negative pulse
Table 8
Automotive transient robustness according to ISO 7637-2
Performed Test
Results
Unit
Pulse 1
-100
V
Pulse 2
+75
V
Pulse 3a
-150
V
Pulse 3b
+100
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com