Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8457CSJ Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE8457CSJ
Description  LIN Transceiver with integrated voltage regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8457CSJ Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE8457CSJ Datasheet HTML 3Page - Infineon Technologies AG TLE8457CSJ Datasheet HTML 4Page - Infineon Technologies AG TLE8457CSJ Datasheet HTML 5Page - Infineon Technologies AG TLE8457CSJ Datasheet HTML 6Page - Infineon Technologies AG TLE8457CSJ Datasheet HTML 7Page - Infineon Technologies AG TLE8457CSJ Datasheet HTML 8Page - Infineon Technologies AG TLE8457CSJ Datasheet HTML 9Page - Infineon Technologies AG TLE8457CSJ Datasheet HTML 10Page - Infineon Technologies AG TLE8457CSJ Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
Data Sheet
7
Rev. 1.1
2018-10-15
TLE8457C / TLE8457D
LIN Transceiver with integrated voltage regulator
Functional description
6
Bus wake-up detection
RxD is set “low” for signalling the bus wake-up event to the
microcontroller.
7
Bus wake-up detection in standby
mode
RxD is set “low” for signalling the bus wake-up event to the
microcontroller. Operating mode is not changed.
Table 2
Operating mode control
Mode
Control
Functionality
Comments
EN
TxD
VCC
NRST
RxD
Sleep
Low
Low
Off
Low
Floating –
Standby
Low
High1)
1) The TxD input has a pull-up structure to VCC and is per default set to logic “high” if left open.
On
High2)
2) NRST is logic “low” during VCC undervoltage and while issuing a reset pulse to the microcontroller.
Low
High
RxD “low” after a bus wake-up
RxD “high” after power-up or reset
Normal
operation
High
Low
High
On
High2)
Low
High
RxD reflects the signal on the bus
TxD driven by the microcontroller
Table 1
Operation mode transitions (cont’d)
No. Reason for transition
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com