| Electronic Components Datasheet Search |
|
TLE8457CSJ Datasheet(PDF) 10 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE8457CSJ Datasheet(HTML) 10 Page - Infineon Technologies AG |
|
10 / 31 page ![]() Data Sheet 10 Rev. 1.1 2018-10-15 TLE8457C / TLE8457D LIN Transceiver with integrated voltage regulator Functional description 4.1.3 Sleep mode Sleep mode is a low power mode with quiescent current consumption reduced to a minimum while the device can still wake up by a message from the LIN bus. Both the transceiver and the voltage regulator are switched off. 4.1.4 Bus wake-up event A bus wake-up event, also called remote wake-up, causes a transition from a low power mode to standby mode. A falling edge on the LIN bus, followed by a dominant BUS signal for the time tWK,bus results in a bus wake-up event. The mode change to standby mode becomes active with the following rising edge on the LIN bus, when BUS voltage exceeds VBUS,wk. The TLE8457C / TLE8457D remains in low power mode until it detects a state change on the LIN bus from dominant to recessive (see Figure 6). In standby mode a logic “low” signal on the RxD output indicates a bus wake-up event. In case the TLE8457C / TLE8457D detects a bus wake-up event while already being in standby mode, the wake- up event will be signalled with a logic “low” level on RxD and override the previous wake source (see Figure 5). Figure 6 Bus wake-up behavior TLE8457CD_BUS_WAKE VBUS VBUS,dom VBUS,wk Sleep mode Standby mode tWK,bus TxD is „high“ because of internal pull-up structure RxD „low“ indicates a Bus Wake-up event tRST VCC,UV,ON t RxD t TxD t EN t NRST VCC t t |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |