| Electronic Components Datasheet Search |
|
TLE8457CSJ Datasheet(PDF) 8 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE8457CSJ Datasheet(HTML) 8 Page - Infineon Technologies AG |
|
8 / 31 page ![]() Data Sheet 8 Rev. 1.1 2018-10-15 TLE8457C / TLE8457D LIN Transceiver with integrated voltage regulator Functional description 4.1.1 Normal operation mode In normal operation mode both the voltage regulator and the LIN transceiver are active. The TLE8457C / TLE8457D supports data transmission rates up to 20 kBit/s. Data from the microcontroller is transmitted to the LIN bus via the TxD input, while the receiver detects the data stream on the LIN bus and forwards it to the RxD output. After entering normal operation mode the TLE8457C / TLE8457D requires a logic “high” signal for the time tto,rec on the TxD input before releasing the data communication. The transmitter remains deactivated as long as the signal on the TxD input pin remains logic “low”, preventing possible bus communication disturbance (see Figure 4). From normal operation mode the TLE8457C / TLE8457D can be set to standby mode or sleep mode. Figure 4 Entering normal operation mode, transition to sleep mode 4.1.2 Standby mode Standby mode is a low power mode with ultra low quiescent current consumption while the voltage regulator remains active, supplying for example a microcontroller in stop mode. No LIN bus communication is possible, the transmitter and the receiver are disabled. The low power receiver is still active and the device can wake up by a message from the LIN bus. For changing the operation mode from standby mode to sleep mode, the device has to be set to normal operation mode first, then to sleep mode (see Figure 4). TLE8457_NORMAL_MODE Standby mode Normal Operation mode Sleep mode tMODE,LOW tMODE,HIGH NRST VCC tto,rec t Data transmission RxD Data transmission TxD t t EN t t |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |