Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WLE5CCU6XXX Datasheet(PDF) 62 Page - STMicroelectronics

Part # STM32WLE5CCU6XXX
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE5CCU6XXX Datasheet(HTML) 62 Page - STMicroelectronics

Back Button STM32WLE5CCU6XXX Datasheet HTML 58Page - STMicroelectronics STM32WLE5CCU6XXX Datasheet HTML 59Page - STMicroelectronics STM32WLE5CCU6XXX Datasheet HTML 60Page - STMicroelectronics STM32WLE5CCU6XXX Datasheet HTML 61Page - STMicroelectronics STM32WLE5CCU6XXX Datasheet HTML 62Page - STMicroelectronics STM32WLE5CCU6XXX Datasheet HTML 63Page - STMicroelectronics STM32WLE5CCU6XXX Datasheet HTML 64Page - STMicroelectronics STM32WLE5CCU6XXX Datasheet HTML 65Page - STMicroelectronics STM32WLE5CCU6XXX Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 145 page
background image
Electrical characteristics
STM32WLE5/E4xx
62/145
DS13105 Rev 8
5.1.6
Power supply scheme
Figure 13. Power supply scheme
Caution:
Each power supply pair (such as VDD/VSS or VDDA/VSS) must be decoupled with filtering
ceramic capacitors as shown in the above figure. These capacitors must be placed as close
as possible to (or below) the appropriate pins on the underside of the PCB to ensure the
good functionality of the device.
Note:
For the UFQFPN48 and WLCSP59 package, VREF+ is internally connected to VDDA.
MSv64325V5
VDD
Backup circuitry
(LSE, RTC and
backup registers)
Kernel logic
(CPU, digital
and memories
I/O
logic
IN
LPR
GPIOs
1.55 to 3.6 V
n x 100 nF + 1 x 4.7 μF
n x VSS
n x VDD
VBAT
VCORE
Power switch
ADC
DAC
COMPs
VREFBUF
VREF+
VREF-
VDDA
10 nF + 1 μF
VDDA
VSS
VREF
100 nF 1 μF
SMPS
MR
VDDSMPS
VLXSMPS
VFBSMPS
VSSSMPS
4.7 μF
VDD
Exposed pad
470 nF
To all modules (VSS/VSSRF)
LDO/SMPS
RFLDO
VDDRF1V5
REG PA
VDDPA (= VDDRF1V5 or VDDSMPS)
VDDRF
15 μH
VBAT
Sub-GHz radio
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com