Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WLE5CCU6XXX Datasheet(PDF) 70 Page - STMicroelectronics

Part # STM32WLE5CCU6XXX
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE5CCU6XXX Datasheet(HTML) 70 Page - STMicroelectronics

Back Button STM32WLE5CCU6XXX Datasheet HTML 66Page - STMicroelectronics STM32WLE5CCU6XXX Datasheet HTML 67Page - STMicroelectronics STM32WLE5CCU6XXX Datasheet HTML 68Page - STMicroelectronics STM32WLE5CCU6XXX Datasheet HTML 69Page - STMicroelectronics STM32WLE5CCU6XXX Datasheet HTML 70Page - STMicroelectronics STM32WLE5CCU6XXX Datasheet HTML 71Page - STMicroelectronics STM32WLE5CCU6XXX Datasheet HTML 72Page - STMicroelectronics STM32WLE5CCU6XXX Datasheet HTML 73Page - STMicroelectronics STM32WLE5CCU6XXX Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 145 page
background image
Electrical characteristics
STM32WLE5/E4xx
70/145
DS13105 Rev 8
Table 29. Sub-GHz radio general specifications
Symbol
Description
Conditions
Min
Typ
Max
Unit
FR
Frequency synthesizer range
Low-power PA
150
-
960
MHz
FSTEP Frequency synthesizer step
High-resolution mode HSE / 2(2)(5)
-095
-
Hz
PHN(1)
(2)
Synthesizer phase noise
(868 to 915 MHz)
100 kHz offset
-
–100
-
dBc/Hz
1 MHz offset
-
–120
-
10 MHz offset
-
–135
-
TS_FS Synthesizer wakeup time
From Standby, HSE32 mode
-
40
-
µs
TS_HO
P
Synthesizer hop time
10 MHz step
-
40
-
TS_OS
C
Crystal oscillator wakeup time
From Standby, RC(3) normal mode
from HSE32 off
-170
-
OSC_
TRM
Crystal oscillator trimming range
for crystal frequency error
compensation(4)
Min/max XTAL specifications
±15
±30
-
ppm
BR_F
Bitrate, FSK
Programmable
(min modulation index is 0.5)
0.6
-
300(5)
Kbit/s
FDA
Frequency deviation, FSK
Programmable
(FDA + BR_F/2 ≤ 250 kHz)
0.6
-
200
kHz
BR_L
Bitrate, LoRa
Min for SF12, BW_L = 7.8 kHz
Max for SF7, BW_L = 500 kHz
0.018
-
62.5(6)
Kbit/s
BW_L
Signal BW, LoRa
Programmable
7.8
-
500(6)
kHz
SF
Spreading factor for LoRa
Programmable, chips/symbol = 2SF
5-
12
-
1. Phase Noise specifications are given for the recommended PLL bandwidth to be used for the specific modulation/BR,
optimized settings may be used for specific applications.
2. Phase Noise is not constant over frequency, due to the topology of the PLL. For two frequencies close to each other, the
phase noise may change significantly
3. Wakeup time till crystal oscillator frequency is within ±10 ppm.
4. OSC_TRIM is the available trimming range to compensate for crystal initial frequency error and to allow crystal temperature
compensation implementation. The total available trimming range is higher and allows the compensation for all device
process variations
5. Maximum bit rate is assumed to scale with the RF frequency: for example 300 Kbit /s in the 869-to-915 MHz frequency
band and only 50 Kbit/s at 150 MHz.
6. For RF frequencies below 400 MHz, there is a scaling between the frequency and supported bandwidth. Some bandwidths
may not be available below 400 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com