Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WLE5CCU6XXX Datasheet(PDF) 92 Page - STMicroelectronics

Part # STM32WLE5CCU6XXX
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE5CCU6XXX Datasheet(HTML) 92 Page - STMicroelectronics

Back Button STM32WLE5CCU6XXX Datasheet HTML 88Page - STMicroelectronics STM32WLE5CCU6XXX Datasheet HTML 89Page - STMicroelectronics STM32WLE5CCU6XXX Datasheet HTML 90Page - STMicroelectronics STM32WLE5CCU6XXX Datasheet HTML 91Page - STMicroelectronics STM32WLE5CCU6XXX Datasheet HTML 92Page - STMicroelectronics STM32WLE5CCU6XXX Datasheet HTML 93Page - STMicroelectronics STM32WLE5CCU6XXX Datasheet HTML 94Page - STMicroelectronics STM32WLE5CCU6XXX Datasheet HTML 95Page - STMicroelectronics STM32WLE5CCU6XXX Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 145 page
background image
Electrical characteristics
STM32WLE5/E4xx
92/145
DS13105 Rev 8
On-chip peripheral current consumption
The current consumption of the on-chip peripherals is given in the table below. The device is
placed under the following conditions:
•
All I/O pins are in analog mode.
•
The given value is calculated by measuring the difference of the current consumptions:
–
when the peripheral is clocked on
–
when the peripheral is clocked off
•
Ambient operating temperature and supply voltage conditions summarized in Table 21:
Voltage characteristics.
•
The power consumption of the digital part of the on-chip peripherals is given in the table
below. The power consumption of the analog part of the peripherals (where applicable)
is indicated in each related section of the datasheet.
Table 53. Peripheral current consumption
Peripheral
Range 1
Range 2
LPRun and LPSleep
Unit
AHB1
CRC1
0.42
0.38
1.00
µA/MHz
DMA1
2.29
1.88
1.45
DMA2
2.50
1.94
1.50
DMAMUX1
3.96
3.38
2.50
All AHB1 peripherals
9.17
7.50
9.30
AHB2
GPIOA
0.01
0.12
0.20
µA/MHz
GPIOB
0.01
0.12
0.15
GPIOC
0.01
0.12
0.15
GPIOH
0.01
0.06
0.10
All AHB2 peripherals
0.62
0.56
0.40
AHB3
AES1
2.50
2.13
1.80
µA/MHz
FLASH
7.92
6.56
11.3
PKA
3.33
2.75
2.15
RNG1
1.04
N/A
N/A
RNG1 independent clock domain
0.62
N/A
N/A
SRAM1
0.62
0.38
0.55
SRAM2
0.42
0.37
0.50
All AHB3 peripherals(1)
16.0
13.4
16.0
APB1
DAC
0.83
0.69
0.50
µA/MHz
I2C1
1.67
1.37
1.05
I2C1 independent clock domain
2.29
1.94
1.40
I2C2
1.67
1.37
1.05
I2C2 independent clock domain
2.50
2.00
1.60
I2C3
1.67
1.37
0.90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com