Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WLE5CCU6XXX Datasheet(PDF) 94 Page - STMicroelectronics

Part # STM32WLE5CCU6XXX
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE5CCU6XXX Datasheet(HTML) 94 Page - STMicroelectronics

Back Button STM32WLE5CCU6XXX Datasheet HTML 90Page - STMicroelectronics STM32WLE5CCU6XXX Datasheet HTML 91Page - STMicroelectronics STM32WLE5CCU6XXX Datasheet HTML 92Page - STMicroelectronics STM32WLE5CCU6XXX Datasheet HTML 93Page - STMicroelectronics STM32WLE5CCU6XXX Datasheet HTML 94Page - STMicroelectronics STM32WLE5CCU6XXX Datasheet HTML 95Page - STMicroelectronics STM32WLE5CCU6XXX Datasheet HTML 96Page - STMicroelectronics STM32WLE5CCU6XXX Datasheet HTML 97Page - STMicroelectronics STM32WLE5CCU6XXX Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 145 page
background image
Electrical characteristics
STM32WLE5/E4xx
94/145
DS13105 Rev 8
Table 54. Low-power mode wakeup timings(1)
Symbol
Parameter
Conditions
Typ
Max
Unit
tWUSLEEP
Wakeup time from
Sleep to Run mode
-
0.188 0.222
µs
tWULPSLEEP
Wakeup time from
LPSleep to LPRun
mode
Wakeup in Flash with memory in power-down
during LPSleep mode (FPDS = 1 in PWR_CR1)
and with clock MSI = 2 MHz
3.81
4.38
tWUSTOP0
Wakeup time from
Stop 0 mode in Flash
memory(2)
To Run mode
(Range 1)
Wakeup clock MSI = 48 MHz
2.14
2.90
µs
Wakeup clock MSI = 16 MHz
2.78
3.58
Wakeup clock HSI16 = 16 MHz
1.99
-
Wakeup clock HSI16 = 16 MHz
with HSIKERON enabled
1.01
1.13
Wakeup clock MSI = 4 MHz
6.79
8.21
Wakeup clock MSI = 2 MHz
10.4
12.2
To LPRun mode Wakeup clock MSI = 2 MHz
10.5
12.3
tWUSTOP1
Wakeup time from
Stop 1 mode in Flash
memory(2)
To Run mode
(Range 1)
Wakeup clock MSI = 48 MHz
5.15
6.55
µs
Wakeup clock MSI = 16 MHz
5.73
7.14
Wakeup clock HSI16 = 16 MHz
5.71
7.10
Wakeup clock HSI16 = 16 MHz
with HSIKERON enabled
4.57
6.52
Wakeup clock MSI = 4 MHz
8.43
9.93
Wakeup clock MSI = 2 MHz
11.9
13.7
To LPRun mode Wakeup clock MSI = 2 MHz
10.6
13.9
tWUSTOP2
Wakeup time from
Stop 2 mode in Flash
memory(2)
To Run mode
(Range 1)
Wakeup clock MSI = 48 MHz
5.56
6.85
µs
Wakeup clock MSI = 16 MHz
6.32
7.59
Wakeup clock HSI16 = 16 MHz
6.28
7.51
Wakeup clock HSI16 = 16 MHz
with HSIKERON enabled
6.26
7.53
Wakeup clock MSI = 4 MHz
9.69
10.9
Wakeup clock MSI = 2 MHz
14.0
15.4
tWUSTBY
Wakeup time from
Standby to Run mode
Range 1
Wakeup clock MSI = 4 MHz
34.3
39.2
µs
Wakeup clock MSI = 8 MHz
22.4
25.6
tWUSHUTD
Wakeup time from
Shutdown to Run mode
Range 1
Wakeup clock MSI = 4 MHz
264
316
1. Guaranteed by characterization results (VDD = 3 V, T = 25 °C).
2. Wakeup time is equivalent when code is executed from SRAM1 compared to Flash memory. It is also equivalent when
going to Range 2 rather than Range 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com