Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WLE5CCU6XXX Datasheet(PDF) 141 Page - STMicroelectronics

Part # STM32WLE5CCU6XXX
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE5CCU6XXX Datasheet(HTML) 141 Page - STMicroelectronics

Back Button STM32WLE5CCU6XXX Datasheet HTML 137Page - STMicroelectronics STM32WLE5CCU6XXX Datasheet HTML 138Page - STMicroelectronics STM32WLE5CCU6XXX Datasheet HTML 139Page - STMicroelectronics STM32WLE5CCU6XXX Datasheet HTML 140Page - STMicroelectronics STM32WLE5CCU6XXX Datasheet HTML 141Page - STMicroelectronics STM32WLE5CCU6XXX Datasheet HTML 142Page - STMicroelectronics STM32WLE5CCU6XXX Datasheet HTML 143Page - STMicroelectronics STM32WLE5CCU6XXX Datasheet HTML 144Page - STMicroelectronics STM32WLE5CCU6XXX Datasheet HTML 145Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 141 / 145 page
background image
DS13105 Rev 8
141/145
STM32WLE5/E4xx
Ordering information
141
7
Ordering information
For a list of available options (such as speed or package) or for further information on any
aspect of this device, contact the nearest ST sales office.
Example:
STM32
WL
E5
J
C
I
6 TR
Device family
STM32 = Arm based 32-bit microcontroller
Product type
WL = wireless long range
Device subfamily
E5 = Cortex-M4, full set of modulations
E4 = Cortex-M4, full set of modulations except LoRa
Pin/ball count
C = 48
U= 59
J = 73
Flash memory size
8 = 64 Kbytes
B = 128 Kbytes
C = 256 Kbytes
Package
I = UFBGA
U= UFQFPN
Y= WLCSP
Temperature range
6 = -40 to 85 °C (105 °C junction)
7 = -40 to 105 °C (125 °C junction)
Packing
TR = tape and reel
xxx = programmed parts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com