Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9021 Datasheet(PDF) 5 Page - Gennum Corporation

Part # GS9021
Description  EDH Coprocessor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9021 Datasheet(HTML) 5 Page - Gennum Corporation

  GS9021 Datasheet HTML 1Page - Gennum Corporation GS9021 Datasheet HTML 2Page - Gennum Corporation GS9021 Datasheet HTML 3Page - Gennum Corporation GS9021 Datasheet HTML 4Page - Gennum Corporation GS9021 Datasheet HTML 5Page - Gennum Corporation GS9021 Datasheet HTML 6Page - Gennum Corporation GS9021 Datasheet HTML 7Page - Gennum Corporation GS9021 Datasheet HTML 8Page - Gennum Corporation GS9021 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
521 - 65 - 05
5
28, 29
S[1:0]
I/O
Control bits which select whether FF, AP, or ANC EDH flags are active on the EDH
flag data port (FL[4:0]). In FLAG_MAP mode, the S[1:0] pins become outputs
(see device description).
30-34
FL[4:0]
I/O
EDH flag data port to allow access to the EDH flags.
35
F_R/W
I
Flag port read/write control. When HIGH, FL[4:0] are configured as outputs
allowing EDH flags to be read from the device. When LOW, FL[4:0] are
configured as inputs allowing EDH flags to be overwritten into the outgoing EDH
packet. In FLAG_MAP mode this pin must be set HIGH.
36
FLAG_MAP
I
FLAG_MAP mode enable. When HIGH, FLAG_MAP mode is enabled. When
LOW, FLAG_MAP mode is disabled.
37-39, 42-48
DOUT[9:0]
O
Parallel digital video data outputs.
49
V
O
Vertical sync indication.
50
H
O
Horizontal sync indication.
51-53
F[2:0]
O
Field indication. F2 is the MSB.
54
RESET
I
Reset. When LOW, the internal control circuitry is reset.
55
R/T
I
Receive/Transmit mode select. When HIGH, the device operates in receive mode.
When LOW, the device operates in transmit mode.
58
CRC_MODE
I
CRC_MODE enable. When HIGH, CRC_MODE is enabled. When LOW,
CRC_MODE is disabled.
59
VBLANKS/L
I
Vertical blanking interval control. For NTSC signals, when VBLANKS/L is set LOW
the 19 line blanking interval is selected and when set HIGH the 9 line blanking
interval is selected. For PAL D2 signals, when VBLANKS/L is set LOW the 17 line
blanking interval is selected and when set HIGH the 7 line blanking interval is
selected. For PAL component signals VBLANKS/L should be set LOW.
60
BYPASS_EDH
I
Bypass EDH control. When HIGH, the device allows the EDH packet to pass
through unaltered.
61
LSB_TOP
I
Data output LSB position control. When HIGH, the video data output bus is
reversed, placing the LSB at pin 48.
62
BLANK_EN
I
Blanking enable. When LOW, incoming data words are set to appropriate
blanking levels.
63
FLYWDIS
I
Flywheel disable. When HIGH, the internal flywheel is disabled. When LOW, the
internal flywheel is enabled.
64
CLIP_TRS
I
Clip and TRS correction control. When HIGH, the TRS Blanking, ITU-R-601
clipping and TRS insertion features are enabled.
8, 26, 41, 57
VDD
Power supply (nominally +5V).
9, 27, 40, 56
GND
Ground.
PIN DESCRIPTIONS
NUMBER
SYMBOL
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com