Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9021 Datasheet(PDF) 4 Page - Gennum Corporation

Part # GS9021
Description  EDH Coprocessor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9021 Datasheet(HTML) 4 Page - Gennum Corporation

  GS9021 Datasheet HTML 1Page - Gennum Corporation GS9021 Datasheet HTML 2Page - Gennum Corporation GS9021 Datasheet HTML 3Page - Gennum Corporation GS9021 Datasheet HTML 4Page - Gennum Corporation GS9021 Datasheet HTML 5Page - Gennum Corporation GS9021 Datasheet HTML 6Page - Gennum Corporation GS9021 Datasheet HTML 7Page - Gennum Corporation GS9021 Datasheet HTML 8Page - Gennum Corporation GS9021 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
521 - 65 - 05
4
PIN CONNECTIONS
PIN DESCRIPTIONS
NUMBER
SYMBOL
TYPE
DESCRIPTION
1-7, 10-12
DIN[9:0]
I
Parallel digital video data inputs.
13
PCLKIN
I
Parallel clock input.
14-16
P[7:5]
I/O
In parallel port mode, these are bits 7:5 of the host interface address/data bus. In
I²C mode, these pins must be set LOW.
17
SCL/P4
I/O
In parallel port mode, this is bit 4 of the host interface address/data bus. In I²C
mode, this is the serial clock input for the I²C port.
18
SDA/P3
I/O
In parallel port mode, this is bit 3 of the host interface address/data bus. In I²C
mode, this is the serial data pin for the I²C port.
19-21
A[2:0]/P[2:0]
I/O
In parallel port mode, these are bits 2:0 of the host interface address/data bus. In
I²C mode, these are input bits which define the I²C slave address for the device.
22
R/W
I
Parallel port read/write control. When HIGH, the parallel port is configured as an
output (read mode). When LOW, the parallel port is configured as an input (write
mode). In I²C mode, this pin must be set HIGH.
23
A/D
I
Parallel port address/data bus control. When HIGH, the parallel port is used for
address input. When LOW, the parallel port is used for data input or output. In
I²C mode, this pin must be set LOW.
24
CS
I
Parallel port chip select. When CS is LOW and R/W is HIGH, the GS9021 drives
the address/data bus. When CS is LOW and R/W is LOW, the user should drive
the address/data bus. When CS is HIGH, the address/data bus is in a high
impedance state (Hi - Z). In I²C mode, this pin must be set HIGH.
25
HOSTIF_MODE
I
Host Interface mode select. When HIGH, the host interface is configured for I²C
mode. When LOW, the host interface is configured for parallel port mode.
DIN9
DIN8
DIN7
DIN6
DIN5
DIN4
DIN3
VDD
GND
DIN2
DIN1
DIN0
PCLKIN
P7
P6
P5
DOUT9
DOUT8
DOUT7
DOUT6
DOUT5
DOUT4
DOUT3
VDD
GND
DOUT2
DOUT1
DOUT0
FLAG_MAP
F_R/W
FL4
FL3
17 18 19 20 21 22 23 24 25 26 2728 29 30 31 32
64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
GS9021
TOP VIEW
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com