Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9021 Datasheet(PDF) 18 Page - Gennum Corporation

Part # GS9021
Description  EDH Coprocessor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9021 Datasheet(HTML) 18 Page - Gennum Corporation

Back Button GS9021 Datasheet HTML 14Page - Gennum Corporation GS9021 Datasheet HTML 15Page - Gennum Corporation GS9021 Datasheet HTML 16Page - Gennum Corporation GS9021 Datasheet HTML 17Page - Gennum Corporation GS9021 Datasheet HTML 18Page - Gennum Corporation GS9021 Datasheet HTML 19Page - Gennum Corporation GS9021 Datasheet HTML 20Page - Gennum Corporation GS9021 Datasheet HTML 21Page - Gennum Corporation GS9021 Datasheet HTML 22Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
521 - 65 - 05
18
Fig. 3 Data Latency through the GS9021
TABLE 2: GS9021 Case Table
MODE
CASE
NUMBER
R/T
CRC_MODE
EDH
PACKET
RESULTS
COMMENTS / SUGGESTIONS
TX MODE
1
0
0
NO
No EDH comparison is performed.
A new EDH packet is inserted into
the data stream with all the EDH
flags cleared unless overwritten by
the dedicated flag port or the host
interface. The EDH packet will
include CRC values calculated
from the data stream.
Use this MODE if you wish to
insert EDH if it is not present. If
EDH is present, clear all flags and
update CRC.
2
0
0
YES
CRC MODE
3
X
1
NO
Same results as Case #1
Use this MODE on the output EDH
chip when mapping flags from an
input EDH chip around a
processing core (which would
alter the picture data) to an output
EDH chip so that EDH errors are
not generated. You can also use
this mode when you simply want
to update the CRC values after
processing, if the processing
does not corrupt the EDH packet.
In both cases, the EDH flags are
preserved.
4
X
1
YES
No EDH comparison is performed
(i.e. no attempt is made to detect
errors). The CRC is updated and
all flags preserved or unaltered
unless overwritten by the
dedicated flag port or host
interface.
RX MODE
5
1
0
NO
New EDH packet inserted into
data stream with all error flags
cleared and all UES flags set high
unless overwritten by the
dedicated flag port or the host
interface.
Use this MODE when you wish to
detect errors in the data stream,
or on an input EDH chip when
mapping flags around a
processing core (that would alter
the picture data) to an output EDH
chip so that EDH errors are not
generated due to the data
processing.
6
1
0
YES
EDH comparison performed and
error flags set and mapped
appropriately unless overwritten
by the dedicated flag port or the
host interface. The CRC is
updated and the EDH packet is re-
inserted.
Use this MODE when you want to
insert EDH if it is not present or
update CRC values and preserve
the flags in an existing EDH
packet.
NOTE
1. “X” in the table above means ‘don’t care’ (but not left floating).
6
7
8
1
2
34
DIN [9:0]
PCLK IN
5
DOUT [9:0]
1
2
3
tLAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com