Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9021 Datasheet(PDF) 1 Page - Gennum Corporation

Part # GS9021
Description  EDH Coprocessor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9021 Datasheet(HTML) 1 Page - Gennum Corporation

  GS9021 Datasheet HTML 1Page - Gennum Corporation GS9021 Datasheet HTML 2Page - Gennum Corporation GS9021 Datasheet HTML 3Page - Gennum Corporation GS9021 Datasheet HTML 4Page - Gennum Corporation GS9021 Datasheet HTML 5Page - Gennum Corporation GS9021 Datasheet HTML 6Page - Gennum Corporation GS9021 Datasheet HTML 7Page - Gennum Corporation GS9021 Datasheet HTML 8Page - Gennum Corporation GS9021 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
GENNUM CORPORATION P.O. Box 489, Stn. A, Burlington, Ontario, Canada L7R 3Y3
Tel. +1 (905) 632-2996
Fax. +1 (905) 632-5946
E-mail: info@gennum.com
www.gennum.com
Revision Date: November 1999
Document No. 521 - 65 - 05
DATA SHEET
FEATURES
• Error Detection and Handling (EDH) according to
SMPTE RP-165
• EDH insertion and extraction in one device
• auto-standard operation with override via host
interface
• noise immune extraction of HVF timing signals
• TRS insertion/correction and ANC header correction
for all standards
• ITU-R-601 output clipping for active picture area
• selectable I²C interface or 8-bit parallel port for access
to EDH flags and device configuration bits
• all error flags available on dedicated output pins
• 24-bit Errored Field counter
• BYPASS mode to bypass EDH insertion/updating
• dynamic blanking control input
• 8-bit or 10-bit compatibility
• up to 54MHz operating frequency
• seamless flag-mapping with GS9020 serial digital
video input processor
• 64 pin LQFP
APPLICATIONS
EDH processing for SMPTE 259M serial digital interfaces for
composite and component standards including 4:4:4:4 at
540Mb/s; Noise immune digital sync and timing generation.
Source,
destination,
distribution
and
test
equipment;
General purpose, TRS formatted, blank video stream
generator with EDH.
DESCRIPTION
The GS9021 implements error detection and handling
(EDH) according to SMPTE RP-165. Interfacing to the
parallel inputs of either the GS9002, GS9022 or GS9032
serial digital encoders, the GS9021 is primarily used on the
transmit end of the SDI interface. The GS9021 provides
EDH insertion and extraction for 4ƒsc NTSC, 4ƒsc PAL and
all component PAL and NTSC standards including 4:2:2
(13.5MHz and 18MHz luminance sampling), and 4:4:4:4.
The GS9021 generates noise immune timing signals such
as horizontal sync, vertical blanking and field ID. In
addition, TRS-ID correction/insertion and data blanking are
implemented for all standards.
A host interface, configurable as an 8-bit parallel interface
or an I²C (I²C is a registered trademark of Philips) serial
interface allows for communication with a microcontroller.
The interface can be used to read and/or write the
complete set of error flags and override the flag status prior
to re-transmission. A 5-bit flag port provides access to all
error flags on dedicated pins for applications where the
microcontroller is not used. The device automatically
determines the operating standard, but this can be
overridden through the programming interface.
BLOCK DIAGRAM
ORDERING INFORMATION
PART NUMBER
PACKAGE
TEMPERATURE
GS9021-CFU
64 pin LQFP Tray
0°C to 70°C
GS9021-CTU
64 pin LQFP Tape
0°C to 70°C
DOUT
CRC_MODE
HOSTIF_MODE
8-BIT
PARALLEL
INTERFACE
BYPASS_EDH
DIN
VBLANKS/L
FLYWDIS
H, V, F
EDH FLAG
EXTRACTION
CRC
COMPARISON/
CALCULATION
ANCILLARY
CHECKSUM
CALCULATION/
COMPARISON
ANCILLARY
CHECKSUM
CORRECTION
10
LSB_TOP
HVF
FLYWHEEL
ERRORED
FIELD
COUNTER
TRS
DETECTION
DEDICATED
FLAG PORT
I²C INTERFACE
FLAGS
DATA BUS
REVERSAL
MUX
ITU-R-601 CLIPPING
TRS BLANKING
TRS INSERTION/
CORRECTION
FLAG_MAP
NEW CRC
CALCULATION
TRS
COMPARE
TRS_ ERROR
CLIP_TRS
10
10
10
10
10
ERROR FLAGS
&
FORMAT PACKET
BLANK_EN
HOST INTERFACE/
FLAG PORT
5
R/T
I²C is a registered
Trademark of Philips
GENLINX ™
II GS9021
EDH Coprocessor


Similar Part No. - GS9021

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9021A GENNUM-GS9021A Datasheet
374Kb / 26P
GENLINX -TM II GS9021A EDH Coprocessor
GS9021ACFU GENNUM-GS9021ACFU Datasheet
374Kb / 26P
GENLINX -TM II GS9021A EDH Coprocessor
More results

Similar Description - GS9021

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMC200 AD-ADMC200 Datasheet
134Kb / 12P
Motion Coprocessor
REV.B
ADMC201 AD-ADMC201 Datasheet
146Kb / 15P
Motion Coprocessor
REV.B
logo
Intel Corporation
8087 INTEL-8087 Datasheet
1Mb / 22P
MATH COPROCESSOR
logo
Gennum Corporation
GS9001 GENNUM-GS9001 Datasheet
211Kb / 14P
EDH COPROCESSOR
logo
Synaptics Incorporated.
CX90412 CONEXANT-CX90412 Datasheet
70Kb / 2P
Voice Coprocessor
logo
Gennum Corporation
GS9021A GENNUM-GS9021A Datasheet
374Kb / 26P
GENLINX -TM II GS9021A EDH Coprocessor
logo
National Semiconductor ...
CS1301 NSC-CS1301 Datasheet
326Kb / 25P
Media Coprocessor
logo
Gennum Corporation
GS9001 GENNUM-GS9001_04 Datasheet
341Kb / 14P
EDH Coprocessor
logo
Analog Devices
ADMC200 AD-ADMC200_15 Datasheet
582Kb / 12P
Motion Coprocessor
REV. B
ADMC201 AD-ADMC201_15 Datasheet
589Kb / 15P
Motion Coprocessor
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com