| Electronic Components Datasheet Search |
|
AM6421 Datasheet(PDF) 74 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM6421 Datasheet(HTML) 74 Page - Texas Instruments |
|
74 / 237 page ![]() Table 6-52. GPMC0 Signal Descriptions (continued) SIGNAL NAME PIN TYPE DESCRIPTION ALV GPMC0_A17 OZ GPMC address 17 Output in A/D non-multiplexed mode and unused in A/D multiplexed mode AA11, U1 GPMC0_A18 OZ GPMC address 18 Output in A/D non-multiplexed mode and unused in A/D multiplexed mode T4, Y11 GPMC0_A19 OZ GPMC address 19 Output in A/D non-multiplexed mode and unused in A/D multiplexed mode R5, Y10 GPMC0_A20 OZ GPMC address 20 Output in A/D non-multiplexed mode and unused in A/D multiplexed mode R21 GPMC0_A21 OZ GPMC address 21 Output in A/D non-multiplexed mode and unused in A/D multiplexed mode Y18 GPMC0_A22 OZ GPMC address 22 Output in A/D non-multiplexed mode and unused in A/D multiplexed mode N16 GPMC0_AD0 IO GPMC Data 0 Input/Output in A/D non-multiplexed mode and additionally Address 1 Output in A/D multiplexed mode T20 GPMC0_AD1 IO GPMC Data 1 Input/Output in A/D non-multiplexed mode and additionally Address 2 Output in A/D multiplexed mode U21 GPMC0_AD2 IO GPMC Data 2 Input/Output in A/D non-multiplexed mode and additionally Address 3 Output in A/D multiplexed mode T18 GPMC0_AD3 IO GPMC Data 3 Input/Output in A/D non-multiplexed mode and additionally Address 4 Output in A/D multiplexed mode U20 GPMC0_AD4 IO GPMC Data 4 Input/Output in A/D non-multiplexed mode and additionally Address 5 Output in A/D multiplexed mode U18 GPMC0_AD5 IO GPMC Data 5 Input/Output in A/D non-multiplexed mode and additionally Address 6 Output in A/D multiplexed mode U19 GPMC0_AD6 IO GPMC Data 6 Input/Output in A/D non-multiplexed mode and additionally Address 7 Output in A/D multiplexed mode V20 GPMC0_AD7 IO GPMC Data 7 Input/Output in A/D non-multiplexed mode and additionally Address 8 Output in A/D multiplexed mode V21 GPMC0_AD8 IO GPMC Data 8 Input/Output in A/D non-multiplexed mode and additionally Address 9 Output in A/D multiplexed mode V19 GPMC0_AD9 IO GPMC Data 9 Input/Output in A/D non-multiplexed mode and additionally Address 10 Output in A/D multiplexed mode T17 GPMC0_AD10 IO GPMC Data 10 Input/Output in A/D non-multiplexed mode and additionally Address 11 Output in A/D multiplexed mode R16 GPMC0_AD11 IO GPMC Data 11 Input/Output in A/D non-multiplexed mode and additionally Address 12 Output in A/D multiplexed mode W20 GPMC0_AD12 IO GPMC Data 12 Input/Output in A/D non-multiplexed mode and additionally Address 13 Output in A/D multiplexed mode W21 GPMC0_AD13 IO GPMC Data 13 Input/Output in A/D non-multiplexed mode and additionally Address 14 Output in A/D multiplexed mode V18 GPMC0_AD14 IO GPMC Data 14 Input/Output in A/D non-multiplexed mode and additionally Address 15 Output in A/D multiplexed mode Y21 AM6442, AM6441, AM6421 AM6412, AM6411 SPRSP56 – JANUARY 2021 www.ti.com 74 Submit Document Feedback Copyright © 2021 Texas Instruments Incorporated Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |