Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC8364LP6GETR Datasheet(PDF) 9 Page - Analog Devices

Part # HMC8364LP6GETR
Description  18.10 GHz to 26.60 GHz Quadband VCO
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8364LP6GETR Datasheet(HTML) 9 Page - Analog Devices

Back Button HMC8364LP6GETR Datasheet HTML 5Page - Analog Devices HMC8364LP6GETR Datasheet HTML 6Page - Analog Devices HMC8364LP6GETR Datasheet HTML 7Page - Analog Devices HMC8364LP6GETR Datasheet HTML 8Page - Analog Devices HMC8364LP6GETR Datasheet HTML 9Page - Analog Devices HMC8364LP6GETR Datasheet HTML 10Page - Analog Devices HMC8364LP6GETR Datasheet HTML 11Page - Analog Devices HMC8364LP6GETR Datasheet HTML 12Page - Analog Devices HMC8364LP6GETR Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Data Sheet
HMC8364
Rev. A | Page 9 of 17
BAND 2: 19.90 GHz TO 22.30 GHz, VCC = 5 V
17
18
19
20
21
22
23
24
0
1
2
3
4
5
6
7
8
9
10 11 12 13 14
TUNING VOLTAGE (V dc)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 16. Output Frequency vs. Tuning Voltage for Various Temperatures
0
200
400
600
800
1000
1200
1400
1600
1800
2000
2200
2400
TUNING VOLTAGE (V dc)
TA = –40°C
TA = +25°C
TA = +85°C
01
2
3
4
567
89
10 11 12 13 14
Figure 17. Tuning Sensitivity vs. Tuning Voltage for Various Temperatures
–125
–120
–115
–110
–105
–100
–95
–90
–85
–80
–75
–70
–65
–60
–55
–50
0
1
2
3
4
5
6
7
8
9
10 11 12 13 14
TUNING VOLTAGE (V dc)
–40°C, 10kHz
+25°C, 10kHz
+85°C, 10kHz
–40°C, 100kHz
+25°C, 100kHz
+85°C, 100kHz
–40°C, 1MHz
+25°C, 1MHz
+85°C, 1MHz
Figure 18. Single Sideband Phase Noise vs. Tuning Voltage for Various
Temperatures and Frequencies
–5
–4
–3
–2
–1
0
1
2
3
4
5
01
23
4
5
6
7
89
10 11 12 13 14
TUNING VOLTAGE (V dc)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 19. Ouput Power vs. Tuning Voltage for Various Temperatures
01
234
56
7
8
9
10 11 12 13 14
50
55
60
65
70
75
80
85
90
95
100
105
110
115
120
125
130
TUNING VOLTAGE (V dc)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 20. Supply Current vs. Tuning Voltage for Various Temperatures
–170
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
100
1k
10k
100k
1M
10M
OFFSET FREQUENCY (Hz)
TA = –40°C
TA = +25°C
TA = +85°C
40M
Figure 21. Single Sideband Phase Noise vs. Offset Frequency for Various
Temperatures at VTUNE = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com