Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC8364LP6GETR Datasheet(PDF) 1 Page - Analog Devices

Part # HMC8364LP6GETR
Description  18.10 GHz to 26.60 GHz Quadband VCO
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8364LP6GETR Datasheet(HTML) 1 Page - Analog Devices

  HMC8364LP6GETR Datasheet HTML 1Page - Analog Devices HMC8364LP6GETR Datasheet HTML 2Page - Analog Devices HMC8364LP6GETR Datasheet HTML 3Page - Analog Devices HMC8364LP6GETR Datasheet HTML 4Page - Analog Devices HMC8364LP6GETR Datasheet HTML 5Page - Analog Devices HMC8364LP6GETR Datasheet HTML 6Page - Analog Devices HMC8364LP6GETR Datasheet HTML 7Page - Analog Devices HMC8364LP6GETR Datasheet HTML 8Page - Analog Devices HMC8364LP6GETR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
18.10 GHz to 26.60 GHz Quadband VCO
Data Sheet
HMC8364
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rights of third parties that may result from its use. Specifications subject to change without notice.
No license is granted by implication or otherwise under any patent or patent rights of Analog
Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2020 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Set of 4 narrow-band VCOs with consistent sensitivity vs.
frequency
RF and tuning ports common to all 4 VCOs
RF output operates from fundamental oscillators with no
subharmonic oscillations
Up to 4 dBm RF output power
Power mute capability
No external resonator required
40-lead, 6 mm × 6 mm LFCSP
APPLICATIONS
Electronic test and measurement
Industrial and medical instrumentation
Point to point and multipoint radios
Aerospace and defense
Wireless communication infrastructure
FUNCTIONAL BLOCK DIAGRAM
1
NIC
2
GND
3
NIC
4
GND
5
RFOUT
6
GND
7
NIC
8
VCB
9
NIC
10
NIC
23
VC3
24
GND
25
VC2
26
GND
27
VTUNE
28
GND
29
VC1
30
NIC
HMC8364
22
VC4
PACKAGE
BASE
21
NIC
GND
18.10GHz TO
20.10GHz
19.90GHz TO
22.30GHz
22.10GHz TO
24.10GHz
23.90GHz TO
26.60GHz
Figure 1.
GENERAL DESCRIPTION
The HMC8364 is a gallium arsenide (GaAs), quadband, mono-
lithic microwave integrated circuit (MMIC), voltage controlled
oscillator (VCO) designed to offer wideband frequency capabilities
without compromising phase noise performance. The device inte-
grates four independent, narrow-band VCOs with overlapping
frequency bands, operating at a fundamental frequency range
of 18.10 GHz to 26.60 GHz. The consistent tuning sensitivity
across all frequency bands simplifies the synthesizer loop filter
design.
The tuning port is common to all VCO cores for a simpler
design of the phase-locked loop (PLL) feedback path. The
HMC8364 also offers a low typical current consumption of
99 mA for power sensitive applications.
The HMC8364 integrates resonators, negative resistance devices,
and varactor diodes. The monolithic structure of the oscillator
offers very low phase noise, optimal temperature stability, and
is immune to vibration and process variation.
The four VCOs are packaged in a single, 6 mm × 6 mm,
surface-mount lead frame chip scale package (LFCSP), and
require no external matching components.
Combined with a high frequency, high performance PLL, the
ADF41513, the HMC8364 offers a complete RF or microwave
frequency generation solution.


Similar Part No. - HMC8364LP6GETR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC8362 AD-HMC8362 Datasheet
335Kb / 17P
11.90 GHz to 18.30 GHz Quadband VCO
Sep-2020
HMC8362LP6GE AD-HMC8362LP6GE Datasheet
335Kb / 17P
11.90 GHz to 18.30 GHz Quadband VCO
Sep-2020
HMC8362LP6GETR AD-HMC8362LP6GETR Datasheet
335Kb / 17P
11.90 GHz to 18.30 GHz Quadband VCO
Sep-2020
logo
Hittite Microwave Corpo...
HMC836LP6CE HITTITE-HMC836LP6CE Datasheet
498Kb / 10P
FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 3365 - 3705 MHz
HMC836LP6CE HITTITE-HMC836LP6CE Datasheet
1,007Kb / 10P
FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 3365 - 3705 MHz
More results

Similar Description - HMC8364LP6GETR

ManufacturerPart #DatasheetDescription
logo
HBH Microwave GmbH
HV6001 HBH-HV6001 Datasheet
19Kb / 1P
10.6 GHz to 10.9 GHz VCO
HV6002 HBH-HV6002 Datasheet
13Kb / 1P
12 GHz VCO
HV7001 HBH-HV7001 Datasheet
21Kb / 1P
21.1 GHz to 21.4 GHz VCO
HV7002 HBH-HV7002 Datasheet
21Kb / 1P
23.8 GHz to 24.2 GHz VCO
logo
RF Micro Devices
RFVC1800 RFMD-RFVC1800 Datasheet
953Kb / 6P
WIDEBAND MMIC VCO WITH BUFFER AMPLIFIER, 8 GHz to 12 GHz
logo
Analog Devices
HMC1160 AD-HMC1160 Datasheet
236Kb / 10P
MMIC VCO with Half Frequency Output, 8.45 GHz to 9.30 GHz
REV. A
HMC1162 AD-HMC1162 Datasheet
245Kb / 11P
9.25 GHz to 10.10 GHz MMIC VCO with Half Frequency Output
REV. A
HMC8074LP6GE AD-HMC8074LP6GE Datasheet
463Kb / 10P
QUADBAND MMIC VCO
HMC8362 AD-HMC8362 Datasheet
335Kb / 17P
11.90 GHz to 18.30 GHz Quadband VCO
Sep-2020
ADF5709 AD-ADF5709 Datasheet
265Kb / 9P
9.85 GHz to 20.5 GHz, Wideband, MMIC VCO
Dec-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com