Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC8364LP6GETR Datasheet(PDF) 10 Page - Analog Devices

Part # HMC8364LP6GETR
Description  18.10 GHz to 26.60 GHz Quadband VCO
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8364LP6GETR Datasheet(HTML) 10 Page - Analog Devices

Back Button HMC8364LP6GETR Datasheet HTML 6Page - Analog Devices HMC8364LP6GETR Datasheet HTML 7Page - Analog Devices HMC8364LP6GETR Datasheet HTML 8Page - Analog Devices HMC8364LP6GETR Datasheet HTML 9Page - Analog Devices HMC8364LP6GETR Datasheet HTML 10Page - Analog Devices HMC8364LP6GETR Datasheet HTML 11Page - Analog Devices HMC8364LP6GETR Datasheet HTML 12Page - Analog Devices HMC8364LP6GETR Datasheet HTML 13Page - Analog Devices HMC8364LP6GETR Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
HMC8364
Data Sheet
Rev. A | Page 10 of 17
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TUNING VOLTAGE (V dc)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 22. Second Harmonic vs. Tuning Voltage for Various Temperatures
–30
–25
–20
–15
–10
–5
0
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TUNING VOLTAGE (V dc)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 23. Output Power vs. Tuning Voltage at VCB = 0 V for Various
Temperatures
FREQUENCY (GHz)
0
5
10
15
20
25
30
35
40
45
50
10
5
0
–5
–10
–15
–20
–25
–30
–35
–40
Figure 24. Return Loss vs. Frequency at VTUNE = 6 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com