Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC8364LP6GETR Datasheet(PDF) 15 Page - Analog Devices

Part # HMC8364LP6GETR
Description  18.10 GHz to 26.60 GHz Quadband VCO
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8364LP6GETR Datasheet(HTML) 15 Page - Analog Devices

Back Button HMC8364LP6GETR Datasheet HTML 9Page - Analog Devices HMC8364LP6GETR Datasheet HTML 10Page - Analog Devices HMC8364LP6GETR Datasheet HTML 11Page - Analog Devices HMC8364LP6GETR Datasheet HTML 12Page - Analog Devices HMC8364LP6GETR Datasheet HTML 13Page - Analog Devices HMC8364LP6GETR Datasheet HTML 14Page - Analog Devices HMC8364LP6GETR Datasheet HTML 15Page - Analog Devices HMC8364LP6GETR Datasheet HTML 16Page - Analog Devices HMC8364LP6GETR Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
Data Sheet
HMC8364
Rev. A | Page 15 of 17
THEORY OF OPERATION
The HMC8364 consists of four, fundamental VCOs with
overlapping frequency ranges to ensure continuous frequency
coverage from 18.10 GHz to 26.60 GHz over all conditions.
Using four oscillators instead of a single oscillator to span the
frequency range reduces the percent bandwidth and tuning
sensitivity of each oscillator, improving phase noise performance.
Tuning sensitivity flatness across the frequency range is also
improved and simplifies the loop filter design in synthesizer
applications. The tuning sensitivity is similar across the four
VCO cores, which means that the loop bandwidth and phase
margin of the loop filter vary less overall vs. a single oscillator
solution.
The four oscillators share a common tuning port, which means
that even though the active devices in unused VCO cores are
not biased, the resonant tanks of all four VCO cores are in
parallel and tuned simultaneously. A single buffer amplifier is
also shared by all four VCOs.
The upper circuitry of the buffer amplifier is biased by VCB
(Pin 8). The lower portion of the cascode buffer amplifier
remains off and very little current flows until one of the VCO
cores is enabled.
The lower circuitry of the amplifier is enabled when the RF
signal of any one of the four VCOs arrives at its input. If VCB is
biased and any VCO core is enabled, current flows through the
buffer amplifier and the RF signal propagates to RFOUT (Pin 5).
The buffer amplifier is designed to support only one VCO at a
time. Avoid enabling more than one oscillator at a time because
multiple oscillators stress the buffer amplifier enough to reduce
its long-term operating life.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com