Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DWM3000 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DWM3000
Description  IEEE 802.15.4-z UWB Transceiver Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DWM3000 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DWM3000 Datasheet HTML 1Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 2Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 3Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 4Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 5Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 6Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 7Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 8Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Product Overview
The DWM3000 module is based on Decawave's DW3110 Ultra
Wideband (UWB) transceiver IC. It integrates antenna, all RF
circuitry, power management and clock circuitry in one module.
It can be used in 2-way ranging or TDoA location systems to
locate assets to a precision of 10 cm and supports data rates of
up to 6.8 Mbps.
Key Features
•
IEEE 802.15.4-2015 and
IEEE 802.15.4z BPRF
compliant
•
Supports 2 RF bands from
6.5 GHz and 8 GHz
•
Programmable transmitter
output power
•
Fully coherent receiver for
maximum range and accuracy
•
Designed to comply with FCC
& ETSI UWB spectral masks
•
Supply voltage
VDD3V3 2.5V – 3.6V and
VDD1 1.62V – 3.6V
•
Low power consumption
•
Data rates of 850 kbps,
6.8 Mbps
•
Maximum packet length of
1023 bytes for high data
throughput applications
•
Integrated MAC support
features
•
SPI interface to host processor
•
Pin and pitch compatible with
the DWM1000
•
23 mm x 13 mm x 2.9 mm 24-
pin side castellation package
Key Benefits
•
Simplifies integration, no RF design
required
•
Very precise location of tagged objects
delivers enterprise efficiency gains
and cost reductions
•
Extended communications range
minimises required infrastructure in
RTLS
•
High multipath fading immunity
•
Supports very high tag densities in
RTLS
•
Low cost allows cost-effective
implementation of solutions
•
Low power consumption reduces the
need to replace batteries and lowers
system lifetime costs
Applications
•
Precision real time location systems
(RTLS) using two-way ranging or
TDoA schemes in a variety of
markets.
•
Location aware wireless sensor
networks (WSNs)
High Level Block Diagram


Similar Part No. - DWM3000

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
DWM3000 QORVO-DWM3000 Datasheet
188Kb / 2P
Fully integrated UWB transceiver module
Rev. A, April 2021
DWM3000EVB QORVO-DWM3000EVB Datasheet
188Kb / 2P
Fully integrated UWB transceiver module
Rev. A, April 2021
DWM3000SB QORVO-DWM3000SB Datasheet
188Kb / 2P
Fully integrated UWB transceiver module
Rev. A, April 2021
DWM3000SQ QORVO-DWM3000SQ Datasheet
188Kb / 2P
Fully integrated UWB transceiver module
Rev. A, April 2021
DWM3000SR QORVO-DWM3000SR Datasheet
188Kb / 2P
Fully integrated UWB transceiver module
Rev. A, April 2021
More results

Similar Description - DWM3000

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT86RF230 ATMEL-AT86RF230 Datasheet
423Kb / 50P
ZigBee/IEEE 802.15.4-Transceiver
logo
Microchip Technology
MRF24J40 MICROCHIP-MRF24J40_08 Datasheet
2Mb / 152P
IEEE 802.15.4??2.4 GHz RF Transceiver
2008
MRF24J40 MICROCHIP-MRF24J40_10 Datasheet
3Mb / 156P
IEEE 802.15.4??2.4 GHz RF Transceiver
2010
MRF24J40MA MICROCHIP-MRF24J40MA Datasheet
484Kb / 30P
2.4 GHz IEEE Std. 802.15.4 RF Transceiver Module
2008
MRF24J40MB-I MICROCHIP-MRF24J40MB-I Datasheet
3Mb / 156P
IEEE 802.15.4??2.4 GHz RF Transceiver
07/15/10
logo
Murata Manufacturing Co...
LPR2430A MURATA-LPR2430A Datasheet
319Kb / 5P
802.15.4 Transceiver Module
LPR2430 MURATA-LPR2430 Datasheet
380Kb / 6P
802.15.4 Transceiver Module
logo
List of Unclassifed Man...
DWM1000 ETC2-DWM1000 Datasheet
1Mb / 29P
IEEE 802.15.4-2011 UWB Transceiver Module
logo
Qorvo, Inc
DWM1001 QORVO-DWM1001 Datasheet
1Mb / 30P
6.8 Mbps data rate IEEE 802.15.4-2011 UWB compliant
DWM1000 QORVO-DWM1000 Datasheet
1Mb / 33P
IEEE 802.15.4-2011 UWB Transceiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com