Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DWM3000 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # DWM3000
Description  IEEE 802.15.4-z UWB Transceiver Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DWM3000 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button DWM3000 Datasheet HTML 2Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 3Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 4Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 5Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 6Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 7Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 8Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 9Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
DWM3000 Datasheet
© Qorvo 2020
Preliminary
Version 0.1
Page 6
1.3 SPI Host Interface
The host interface to DWM3000 is a 4-wire SPI-compatible slave. The assertion of SPICSn low by the SPI
master indicates the beginning of a transaction.
The SPI interface is used to read and write registers in the DW3110 device. All data and address transfer on the
SPI is most significant bit first. All address bytes are transmitted with MSB first, and all data is transmitted
commencing with lowest addressed byte.
•
Assertion low of SPICSn initialises transaction.
•
De-assertion high of SPICSn ends the SPI transaction.
•
The device supports direct and per-byte sub-addressing access to the full register space.
•
Efficient block data reading/writing is allowed. Continuous, long transactions can be carried out while the
addressed location is auto-incremented on the DW3110 side.
The SPIMISO I/O is required to go open-drain when SPICSn is de-asserted, to allow interoperation with other
slaves on the SPI bus. SPI daisy chaining is not supported. This is the mode where the MISO, MOSI lines are
passed through a device when it is not chip selected.
1.3.1 SPI Timing Parameters
The SPI slave complies with the Motorola SPI protocol within the constraints of the timing parameters listed in
Table 1 and illustrated in Figure 3 and Figure 4.
SPICSn
SPICLK
SPIMISO
SPIMOSI
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
Bit 7 Bit 6 Bit 5
7
6
5
t8
t9
t6
t5
t7
Figure 3: SPI Timing Diagram
SPICSn
SPICLK
SPIMISO
SPIMOSI
7
6
5
Bit 7
Bit 6
Bit 5
t1
t4
t3
t2
Figure 4: SPI Detailed Timing Diagram
Parameter
Min
Typ Max
Unit
Description
t1
3
ns
SPI select asserted low to valid slave output data.
t2
3
ns
SCLK low to valid slave output data.
t3
14
ns
Master data setup time.
t4
2
ns
Master data hold time.
t5
27
ns
LSB last byte to MSB next byte.
t6
3
ns
SPI select deasserted high to MISO tristate.
t7
14
ns
Start time; time from select asserted to first SCLK.
t8
24
ns
Last SCLK to SEL_n deasserted.
t9
24
ns
Idle time between consecutive accesses.
t10
38
MHz
SPI CLK Fmax @1.8V VDD1, 25C, SPI mode 0.
Table 1: SPI Timing Parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com