Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES9038 Datasheet(PDF) 30 Page - ESS Technology,Inc

Part # ES9038
Description  Flagship 32-Bit HyperStream짰 II 8-Channel Audio DAC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9038 Datasheet(HTML) 30 Page - ESS Technology,Inc

Back Button ES9038 Datasheet HTML 26Page - ESS Technology,Inc ES9038 Datasheet HTML 27Page - ESS Technology,Inc ES9038 Datasheet HTML 28Page - ESS Technology,Inc ES9038 Datasheet HTML 29Page - ESS Technology,Inc ES9038 Datasheet HTML 30Page - ESS Technology,Inc ES9038 Datasheet HTML 31Page - ESS Technology,Inc ES9038 Datasheet HTML 32Page - ESS Technology,Inc ES9038 Datasheet HTML 33Page - ESS Technology,Inc ES9038 Datasheet HTML 34Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 58 page
background image
CONFIDENTIAL ADVANCE INFORMATION v3.6
March 5, 2019
ES9038PRO Flagship 32-Bit HyperStream® II 8-Channel Audio DAC
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA. Tel (408) 643-
8800 • Fax (408) 643-8801
30
Register 16-23: Volume Control
Bits
[7:0]
Register 16
volume1
Register 17
volume2
Register 18
volume3
Register 19
volume4
Register 20
volume5
Register 21
volume6
Register 22
volume7
Register 23
volume8
Default
8’d0
Bit
Mnemonic
Description
[7:0]
volume1
Default of 8’d0
-0dB to -127.5dB with 0.5dB steps
[7:0]
volume2
Default of 8’d0
-0dB to -127.5dB with 0.5dB steps
[7:0]
volume3
Default of 8’d0
-0dB to -127.5dB with 0.5dB steps
[7:0]
volume4
Default of 8’d0
-0dB to -127.5dB with 0.5dB steps
[7:0]
volume5
Default of 8’d0
-0dB to -127.5dB with 0.5dB steps
[7:0]
volume6
Default of 8’d0
-0dB to -127.5dB with 0.5dB steps
[7:0]
volume7
Default of 8’d0
-0dB to -127.5dB with 0.5dB steps
[7:0]
volume8
Default of 8’d0
-0dB to -127.5dB with 0.5dB steps
Register 24-27: Master Trim
Bits
[31:0]
Mnemonic
master_trim
Default
32’h7fffffff
Bit
Mnemonic
Description
[31:0]
master_trim
A 32-bit signed value that sets the 0dB level for all volume controls.
Defaults to full-
scale (32’h7FFFFFFF).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com