Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES9038 Datasheet(PDF) 39 Page - ESS Technology,Inc

Part # ES9038
Description  Flagship 32-Bit HyperStream짰 II 8-Channel Audio DAC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9038 Datasheet(HTML) 39 Page - ESS Technology,Inc

Back Button ES9038 Datasheet HTML 35Page - ESS Technology,Inc ES9038 Datasheet HTML 36Page - ESS Technology,Inc ES9038 Datasheet HTML 37Page - ESS Technology,Inc ES9038 Datasheet HTML 38Page - ESS Technology,Inc ES9038 Datasheet HTML 39Page - ESS Technology,Inc ES9038 Datasheet HTML 40Page - ESS Technology,Inc ES9038 Datasheet HTML 41Page - ESS Technology,Inc ES9038 Datasheet HTML 42Page - ESS Technology,Inc ES9038 Datasheet HTML 43Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
March 5, 2019
CONFIDENTIAL ADVANCE INFORMATION v3.6
ES9038PRO Flagship 32-Bit HyperStream® II 8-Channel Audio DAC
39
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA. Tel (408) 643-
8800 • Fax (408) 643-8801
Register 64 (Read-Only): Chip ID and Status
Bits
[7:2]
[1]
[0]
Mnemonic
chip_id
automute_status
lock_status
Default
6’b101010
1’b0
1’b0
Bit
Mnemonic
Description
[7:2]
chip_id
Determines the chip identification
•
6’b101010: ES9038PRO
[1]
automute_status
Indicator for when automute has become active.
•
1’b0: Automute condition is inactive
•
1’b1: Automute condition has been flagged and is active
[0]
lock_status
Indicator for when the DPLL is locked (when in slave mode) or 1’b1 when the
Sabre is the master
•
1’b0: DPLL is not locked to the incoming audio sample rate (which
could mean that no audio input is present, the lock has not
completed, or the Sabre is unable to lock due to clock jitter or drift)
•
1’b1: DPLL is locked to the incoming audio sample rate, or the Sabre
is in master mode, 128fs_mode or NCO mode mode
Register 65 (Read-Only): GPIO Readback
Bits
[7:4]
[3]
[2]
[1]
[0]
Mnemonic
reserved
gpio4
gpio3
gpio2
gpio1
Default
4’b0000
1’b0
1’b0
1’b0
1’b0
Bit
Mnemonic
Description
[7:4]
reserved
[3]
gpio4
Contains the state of the GPIO4 pin.
[2]
gpio3
Contains the state of the GPIO3 pin.
[1]
gpio2
Contains the state of the GPIO2 pin.
[0]
gpio1
Contains the state of the GPIO1 pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com