Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES9038 Datasheet(PDF) 45 Page - ESS Technology,Inc

Part # ES9038
Description  Flagship 32-Bit HyperStream짰 II 8-Channel Audio DAC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9038 Datasheet(HTML) 45 Page - ESS Technology,Inc

Back Button ES9038 Datasheet HTML 41Page - ESS Technology,Inc ES9038 Datasheet HTML 42Page - ESS Technology,Inc ES9038 Datasheet HTML 43Page - ESS Technology,Inc ES9038 Datasheet HTML 44Page - ESS Technology,Inc ES9038 Datasheet HTML 45Page - ESS Technology,Inc ES9038 Datasheet HTML 46Page - ESS Technology,Inc ES9038 Datasheet HTML 47Page - ESS Technology,Inc ES9038 Datasheet HTML 48Page - ESS Technology,Inc ES9038 Datasheet HTML 49Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 58 page
background image
March 5, 2019
CONFIDENTIAL ADVANCE INFORMATION v3.6
ES9038PRO Flagship 32-Bit HyperStream® II 8-Channel Audio DAC
45
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA. Tel (408) 643-
8800 • Fax (408) 643-8801
ABSOLUTE MAXIMUM RATINGS
PARAMETER
RATING
Positive Supply Voltage (VCCA, AVDD, AVCC)
+4.7V with respect to GND
Positive Supply Voltage (DVDD, VDD_L, VDD_R)
+1.8V with respect to GND
DAC Output Voltage Range
GND < Vout < AVCC
Voltage Range for 5V Tolerant pins (AVDD=3.3V)
–0.5V to +5.5V
Voltage Range for Digital Input pins
–0.5V to (AVDD + 0.5V)
Storage Temperature Range
–65
C to +150C
Operating Junction Temperature
+125
C
ESD Protection
Human Body Model (HBM)
Machine Model (MM)
Charged Device Model (CDM)
2000V
200V
500V
WARNING:
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure
to absolute
–maximum–rated conditions for extended periods may affect device reliability.
WARNING: Electrostatic Discharge (ESD) can damage this device. Proper procedures must be followed to avoid ESD when handling this device.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
CONDITIONS
Operating Temperature
TA
0
C to +70C
Analog Power Supply Voltage
VDD_L, VDD_R
+1.2V
 5%, 128mA nominal (Note 1)
(for some use cases 1.3V +/-5% is
required, see Note 2)
Digital Core Supply Voltage
DVDD
Analog Reference Supply Voltage
AVCC_L, AVCC_R
+3.3V
 5%, 90mA nominal (Note 1)
Oscillator Power Supply Voltage
VCCA
+3.3V
 5%, 3mA nominal (Note 1)
Digital I/O Power Supply Voltage
AVDD
+3.3V
 5%, <1mA nominal (Note 1)
+1.8V
 5%
Note 1: fs = 48kHz, MCLK = 40MHz, I2S input, all GPIOs set to input and pulled low
Note 2: if DSD512 and DSD1024 are system requirements, the VCC_L, VCC_R and DVDD power supply will need to be
increased from 1.2V to 1.3V. If the 8 outputs of the DAC are paralleled to implement a 1 channel DAC or paralleled to
implement a 2 channel DAC and MCLK is greater than 80MHz, the VCC_L, VCC_R and DVDD power supply will need
to be increased from 1.2V to 1.3V.
DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Minimum
Maximum
Unit
Comments
VIH
High-level input voltage
AVDD / 2 + 0.4
V
VIL
Low-level input voltage
0.4
V
VOH
High-level output voltage
AVDD - 0.2
V
IOH = 100
A
VOL
Low-level output voltage
0.2
V
IOL = 100
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com