Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES9038 Datasheet(PDF) 55 Page - ESS Technology,Inc

Part # ES9038
Description  Flagship 32-Bit HyperStream짰 II 8-Channel Audio DAC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9038 Datasheet(HTML) 55 Page - ESS Technology,Inc

Back Button ES9038 Datasheet HTML 50Page - ESS Technology,Inc ES9038 Datasheet HTML 51Page - ESS Technology,Inc ES9038 Datasheet HTML 52Page - ESS Technology,Inc ES9038 Datasheet HTML 53Page - ESS Technology,Inc ES9038 Datasheet HTML 54Page - ESS Technology,Inc ES9038 Datasheet HTML 55Page - ESS Technology,Inc ES9038 Datasheet HTML 56Page - ESS Technology,Inc ES9038 Datasheet HTML 57Page - ESS Technology,Inc ES9038 Datasheet HTML 58Page - ESS Technology,Inc  
Zoom Inzoom in Zoom Outzoom out
 55 / 58 page
background image
March 5, 2019
CONFIDENTIAL ADVANCE INFORMATION v3.6
ES9038PRO Flagship 32-Bit HyperStream® II 8-Channel Audio DAC
55
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA. Tel (408) 643-
8800 • Fax (408) 643-8801
64-Pin eTQFP Mechanical Dimensions
Millimeters
Symbol
Description
Min.
Nom.
Max.
D
Lead-to Lead, X-axis
11.75
12.00
12.25
D1
Package's Outside, X-axis
9.90
10.00
10.10
E
Lead-to Lead, Y-axis
11.75
12.00
12.25
E1
Package's Outside, Y-axis
9.90
10.00
10.10
A
Package Height
1.20
A1
Board Standoff
0.05
0.10
0.15
A2
Package Thickness
0.95
1.00
1.05
b
Lead Width
0.17
0.22
0.27
Lead Pitch
0.50 BSC
No. of Leads in X-axis
16
No. of Leads in Y-axis
16
No. of Leads Total
64
Package Type
eTQFP
PAD SIZE
D2
E2
Min.
Max.
Min.
Max.
5.13
5.48
5.13
5.48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com