Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9546/PCBZ Datasheet(PDF) 54 Page - Analog Devices

Part # AD9546/PCBZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546/PCBZ Datasheet(HTML) 54 Page - Analog Devices

Back Button AD9546/PCBZ Datasheet HTML 50Page - Analog Devices AD9546/PCBZ Datasheet HTML 51Page - Analog Devices AD9546/PCBZ Datasheet HTML 52Page - Analog Devices AD9546/PCBZ Datasheet HTML 53Page - Analog Devices AD9546/PCBZ Datasheet HTML 54Page - Analog Devices AD9546/PCBZ Datasheet HTML 55Page - Analog Devices AD9546/PCBZ Datasheet HTML 56Page - Analog Devices AD9546/PCBZ Datasheet HTML 57Page - Analog Devices AD9546/PCBZ Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 54 of 205
COMMON CLOCK SYNCHRONIZER COMPONENT
The common clock synchronizer provides a precision method
for assigning an epoch to the local time scale yielding the
common time scale. Essentially, the user provides a
synchronization trigger event, the rising edge of an external
analog input signal, which the device time stamps. The time
stamp serves as an internal trigger event. Immediately following
the trigger event (and before the next trigger event), the user
programs the device with a time code corresponding to the
time associated with the trigger event and asserts an IO update,
which aligns the common time scale with the programmed
time code. In this way, the common time scale carries the
proper time. By carrying out the synchronization process across
all nodes (with a distributed common clock as the time base for
every node) and properly accounting for time delay in the
system, the common time scale of every node increments at the
same rate and carries the same epoch. Thus, all nodes are time
aligned to a high degree of precision.
USER TIME STAMPER (UTS) AND INVERSE USER
TIMER STAMPER (IUTS) COMPONENTS
A typical digitized clocking system can use one AD9546 as a
master time unit with various nodes synchronized to the
master. Thus, a means of transporting numeric time codes
between nodes is essential for transporting clocks and
correcting time errors throughout the system. Such is the role
of the UTS and IUTS. The AD9546 possesses nine UTS units
and two IUTS units.
A UTS converts internal time stamps to time codes (numeric
time values based on the common time scale) and provides the
user with a means to read the corresponding time codes.
Because time codes relate to the common time scale, the UTS
provides a means to export a digitized clock signal to remote
digitized clocking nodes.
An IUTS provides the user with a means to send a digital clock
signal to a node (a digital clock signal being a continuous series
of uniformly increasing numeric time codes). An IUTS
converts the digital clock signal to time stamps (based on the
common time scale), which can be distributed internally as
needed.
A DIGITIZED CLOCKING NODE EXAMPLE
Figure 49 shows the interaction of the various digitized clocking
components as applied to a single node in a hypothetical
digitized clocking system. The analog input signals consist of
the common clock (CC), a synchronization source (SS), and a
local user clock (LUC). The local user clock is any analog clock
signal intended for transport to another node or for local use as
a local analog clock output signal.
The three analog input clock signals route through their
respective physical clock converters, which convert the analog
clock signals to time stamps. The common clock time stamps
route to the common clock DPLL, which is responsible for
regulating the local time scale. The synchronization source time
stamps route to the common clock synchronizer, which allows
the user to translate the local time scale to a common time scale
with a known epoch. The local user clock time stamps route to
a UTS, allowing an external processor to capture local user
clock time codes related to the common time scale.
The local user clock time codes captured by the external
processor exist as a digitized clock signal. Thus, the processor
can transport the digitized clock signal in the form of data
packets to remote nodes.
Alternatively, the processor can route the local user clock time
codes from a local UTS to a local IUTS, which converts the
local user clock time codes back into time stamps. The time
stamps are then available to a physical clock generator for
conversion to an analog output signal. This basic example of
translating input clock edges to numeric values (time codes)
and reconstituting an analog clock signal from the time codes
within a single chip demonstrates the concept of digitized
clocking.
The local user clock time codes can be transported to a remote
node (via the processor) and then converted to an analog signal
at the far end. Assuming the remote node shares the same
common clock (a requirement for digitized clocking), and the
processor at the remote node properly synchronizes the remote
common time scale, then it is possible to replicate the local user
clock at remote nodes in the native time domain of the local
user clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com