| Electronic Components Datasheet Search |
|
AD9546/PCBZ Datasheet(PDF) 96 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9546/PCBZ Datasheet(HTML) 96 Page - Analog Devices |
|
96 / 205 page ![]() AD9546 Data Sheet Rev. 0 | Page 96 of 205 HALF INTEGER DIVISION The Q dividers are unique in that they support half integer division, a benefit of the Q dividers counting both the rising and falling edges of the input clock. To enable half integer division for the corresponding Q divider, use Bit 5 (half integer divide) of the appropriate register per Table 64. Table 64. Q Divider Half Integer Divide Register Address Q Divider Register Address Q0A 0x1108 Q0AA 0x1111 Q0B 0x111A Q0BB 0x1123 Q0C 0x112C Q0CC 0x1135 Q1A 0x1508 Q1AA 0x1511 Q1B 0x151A Q1BB 0x1523 When the half integer divide bit is Logic 1, it effectively adds an extra 0.5 to the divide ratio prescribed by the corresponding 32-bit Q divider ratio. The value of the half integer divide bit does not become effective until the user sets the IO update bit. For example, assume the Q divider ratio is 100. If the associated enable half integer divide bit is Logic 1, the total divide ratio is 100.5. Q DIVIDER RESET Each Q divider has a dedicated Q divider reset bit via Bits[1:0] of the registers shown in Table 65, where Bit 0 applies to the first Q divider in the row (for example, Q0A) and Bit 1 applies to the second Q divider in the row (for example, Q0AA). The Q divider reset bits allow the user to reset the Q dividers manually in applications that do not require output clock synchronization. In most cases, however, there is no need to set these bits during normal operation because the synchronization controller automatically handles the Q divider reset function (see the Distribution Output Clock Synchronization section). Table 65. Output Driver Reset Register Address Q Divider Register Address Q0A and Q0AA 0x2102 Q0B and Q0BB 0x2103 Q0C and Q0CC 0x2104 Q1A and Q1AA 0x2202 Q1B and Q1BB 0x2203 Q DIVIDER CONSTRAINTS Changing the divide ratio of any one of the Q dividers invokes a synchronization process (see the Autoreconfiguration Synchronization Trigger section). The act of changing the divide ratio of a single Q divider causes a disturbance of all the output clock signals of the associated PLL channel. Therefore, it is not possible to change the divide ratio of one Q divider without disturbing all the output clock signals of the associated PLL channel. When the system clock is the selected clock source for a Q divider pair (see the Distribution Output Clock Synchronization section), an unlock event on the system clock may cause the Q divider pair to enter an invalid state. Recovery from this state requires a divider reset. Therefore, after a system clock unlock event, the user must follow these steps: 1. Calibrate the system clock (see the System Clock Calibration section). 2. Calibrate APLL0 and APLL1 (see the VCO Calibration section). 3. Reset any Q dividers (see the Q Divider Reset section) using the system clock as an input clock source. 4. Synchronize output distribution (see the Distribution Output Clock Synchronization section). When using embedded output clock modulation to modulate the Q divider output (see the Distribution Embedded Output Clock Modulation section), a minimum Q divider divide ratio is necessary. Qxy ≥ 8 where: x = 0 or 1. y = A, B, or C. When employing the N shot triggering mechanism to trigger a Q divider (see the N Shot Triggering section), a minimum Q divider divide ratio of 8 is necessary. Qxy ≥ 8 where: x = 0 or 1. y = A, B, or C. HITLESS/ZERO DELAY FEEDBACK When configured for hitless or zero delay operation, the DPLL of the affected PLL channel requires a feedback clock signal to its N divider from one of the distribution outputs. This feedback mechanism is via the hitless or zero delay feedback and synchronization block of the N shot/PRBS controller in Figure 68. Selection of the desired feedback path is via the frequency translation profiles. See the Internal Zero Delay (Hitless) Mode section in the Frequency Translation Loops section for programming details. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |