Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9546/PCBZ Datasheet(PDF) 67 Page - Analog Devices

Part # AD9546/PCBZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546/PCBZ Datasheet(HTML) 67 Page - Analog Devices

Back Button AD9546/PCBZ Datasheet HTML 63Page - Analog Devices AD9546/PCBZ Datasheet HTML 64Page - Analog Devices AD9546/PCBZ Datasheet HTML 65Page - Analog Devices AD9546/PCBZ Datasheet HTML 66Page - Analog Devices AD9546/PCBZ Datasheet HTML 67Page - Analog Devices AD9546/PCBZ Datasheet HTML 68Page - Analog Devices AD9546/PCBZ Datasheet HTML 69Page - Analog Devices AD9546/PCBZ Datasheet HTML 70Page - Analog Devices AD9546/PCBZ Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 67 of 205
Table 43. UTS Channel Flag Assignments
Flags Bit Field,
Bits[4:2]
Bit 4 Status
Encode
Bit 3 Status
Encode
Bit 2 Status
Encode
000 (Default)
Tag
Invalid
Unlocked
001
Tag
Fault
Unlocked
010
Format
Invalid
Unlocked
011
Format
Fault
Unlocked
100
Fault
Invalid
Unlocked
101
Format
Tag
Unlocked or
invalid
110
Format
Tag
Unlocked or
fault
111
Unused
Unused
Unused
UTS READBACK FIFO
The UTS system uses a FIFO to collect time code samples (up
to 18) from all enabled UTS channels. The FIFO allows queuing
of time codes arriving from the various UTS channels for
readback by the user via the register map. Each FIFO sample
consists of the following:
96-bit time code
3-bit encoded status code
5-bit source code
Time Code
The 96-bit time code appears in Register 0x0E2F to
Register 0x0E3A, which adheres to the same functionality as
Register 0x0F0A to Register 0x0F15 described in the
Synchronization Time subsection of the Common Clock
Synchronizer (CCS) section. Note that interpretation of the
time code requires knowledge of the underlying format
(fractional seconds or PTP).
There are two ways to discern the format of a time code sample.
One way is to use the source code information (see the Source
Code section) to determine which UTS is the source of the time
code sample and then read the state of the format bit in the
appropriate UTS Channel x control register (where x is 0 to 8,
integer). Another way is to use one of the seven predefined
encoded status patterns that includes the format status in Table 43.
In this method, the encoded status code (see the Encoded
Status section) contains the format information for the time
code sample.
Source Code
A 5-bit source code bit field accompanies each time code. The
source code appears in Bits[4:0] of Register 0x0E2E. The source
code value for a given time code sample indicates the time
stamp source shown in Table 42. The source code that
accompanies a time code is identical to the source code
assignment of the UTS channel associated with the time code
(see the UTS Channel Time Stamp Source section).
The source code does not indicate the UTS channel associated
with the time code, but the original source of the time stamp.
Encoded Status
A 3-bit encoded status flags bit field (Bits[7:5] of
Register 0x0E2E) accompanies each time code. The meaning of
each bit depends on the flags bit field of the UTS channel
associated with the time code sample in accordance with Table 44.
To determine the meaning of each of the three bits, the user
must be aware of which UTS channel provided the time code
(see the Source Code section) and the state of the 3-bit flags bit
field associated with that UTS channel (see the UTS Channel
Status Flag Assignment section).
Table 44. UTS FIFO Readback Encoded Status Bits
Bits[4:2]1
Bit 7
Encoded
Status
Bit 6
Encoded
Status
Bit 5
Encoded
Status
000
Tag
Invalid
Unlocked
001
Tag
Fault
Unlocked
010
Format
Invalid
Unlocked
011
Format
Fault
Unlocked
100
Fault
Invalid
Unlocked
101
Format
Tag
Unlocked
or invalid
110
Format
Tag
Unlocked
or fault
111
Unused
Unused
Unused
1
Bits[4:2] in the UTS Channel x control register associated with the time code.
UTS FIFO Status
Because the FIFO effectively works in the background
collecting UTS time codes, the FIFO provides the user with a
continuous status of the current state. The status information is
essential to keep the user aware of how frequently to read FIFO
samples or if sample data is lost due to an overflow condition.
There are two categories of status information: FIFO overfill (a
single status bit) and FIFO count (7-bit field).
FIFO Overfill
The FIFO overfill bit in Bit 7 of Register 0x0E2D indicates that
the FIFO has exceeded the capacity, where Logic 1 indicates
overfill. When the FIFO asserts the overfill bit, any time codes
arriving at the FIFO input are lost.
The state of the FIFO overfill bit appears as part of the IRQ
mechanism (see the Interrupt Request (IRQ) section) via Bit 7
of Register 0x301C. The overfill status of the FIFO is also
available via an appropriately configured Mx status pin (see the
Status and Control Pins section).
The FIFO overfill bit and Mx pin status (if configured) clear
when the user reads a sample from the FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com