| Electronic Components Datasheet Search |
|
AD9546/PCBZ Datasheet(PDF) 71 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9546/PCBZ Datasheet(HTML) 71 Page - Analog Devices |
|
71 / 205 page ![]() Data Sheet AD9546 Rev. 0 | Page 71 of 205 ANALOG CLOCK LOOPBACK OVERVIEW Analog loopback provides a means for designers of distributed clock systems to loop an analog clock signal back to measure the round trip delay. Knowledge of the round trip delay allows the user to estimate the timing error associated with physical connections (cables and circuit board traces, for example) and compensate for those errors in downstream nodes. The net effect is improved synchronization between nodes in a distributed clock system. The diagram of Figure 55 shows an example of a distributed digitized clocking system comprising three AD9546 devices. On the left is the master timing node, and on the right are the slave timing nodes. Each node has a processor with a SPI connection to the AD9546 associated with the node and a digital bus interconnection between the processors of all nodes. The main purpose of the digital bus is the transport of digitized clocks between nodes. However, the digital bus enables the transport of other data between nodes, allowing node processors to share data (for example, time offset information for correcting delays between nodes). The primary timing signal for the system is a common clock reference, which drives the REFB input of the master node. The master node generates its common time scale from the common clock reference. The master node also uses the common clock reference to generate common clock signals that route to the slave nodes. The common clocks result from routing the common clock reference through the master DPLL channel, preferably operating in zero delay mode to minimize phase (delay) offset. The slave nodes use the common clock to generate their own common time scale and output clock signals. The goal of the distributed clock system is to have all output clock signals of the slave nodes synchronous to the common clock of the slave node, which is synchronous to the common clock reference of the master. A significant challenge in the implementation of a high precision distributed clock system is accounting for the time delay of the common clock as it propagates to each slave node. The delay arises from the physical interconnects (cables, for example) as well as active components (drivers and buffers, for example) in the signal path. Without knowledge of the amount of delay associated with each master to slave common clock path, the delay constitutes a timing error that degrades the precision of synchronization between nodes. To help remedy delay errors, the AD9546 offers high resolution time measurement capability (the UTS system) together with an analog loopback feature to provide a mechanism to quantify timing errors in the signal path. By quantifying the time errors, the user can compensate for those errors by inserting corrective time offsets via the various offset controls provided by the AD9546. REFB PHYSICAL CLOCK CONVERTER UTS COMMON CLOCK DPLL AND SYNCHRONIZER DPLL CHANNEL UTS UTS PHYSICAL CLOCK CONVERTER TIME STAMPS TIME STAMPS COMMON TIME SCALE PROCESSOR COMMON CLOCK REFERENCE REFB TIME STAMPS PROCESSOR ANALOG LOOPBACK ANALOG CLOCK SIGNALS PROCESSOR DIGITIZED CLOCK TRANSPORT M4 ANALOG CLOCK SIGNALS MASTER DIGITIZED CLOCKING NODE SLAVE DIGITIZED CLOCKING NODE ZERO DELAY OPERATING MODE COMMON CLOCK ANALOG LOOPBACK AD9546 AD9546 A B C PHYSICAL CLOCK CONVERTER TS1 TS2 SPI SPI SLAVE DIGITIZED CLOCKING NODE TS3 TC3 TC1 TC2 PHYSICAL CLOCK CONVERTER REFB TIME STAMPS ANALOG LOOPBACK ANALOG CLOCK SIGNALS M4 AD9546 A B C PHYSICAL CLOCK CONVERTER SPI NOTES 1. TS1 TO TS3 CONSTITUTE TIME STAMP SEQUENCE 1 TO TIME STAMP SEQUENCE 3. 2. TC1 TO TC3 CONSTITUTE TIME CODE SEQUENCE 1 TO TIME CODE SEQUENCE 3. Figure 55. Distributed Clock System with Analog Loopback |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |