Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9546/PCBZ Datasheet(PDF) 111 Page - Analog Devices

Part # AD9546/PCBZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546/PCBZ Datasheet(HTML) 111 Page - Analog Devices

Back Button AD9546/PCBZ Datasheet HTML 107Page - Analog Devices AD9546/PCBZ Datasheet HTML 108Page - Analog Devices AD9546/PCBZ Datasheet HTML 109Page - Analog Devices AD9546/PCBZ Datasheet HTML 110Page - Analog Devices AD9546/PCBZ Datasheet HTML 111Page - Analog Devices AD9546/PCBZ Datasheet HTML 112Page - Analog Devices AD9546/PCBZ Datasheet HTML 113Page - Analog Devices AD9546/PCBZ Datasheet HTML 114Page - Analog Devices AD9546/PCBZ Datasheet HTML 115Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 111 of 205
DISTRIBUTION OUTPUT CLOCK SYNCHRONIZATION
SYNCHRONIZATION OVERVIEW
The AD9546 has a built in synchronization controller that
provides the user with a flexible and sophisticated means to
synchronize its multiple output clock signals. The synchronization
controller properly sequences internal events to ensure proper
synchronizing of the output clocks of the device.
There are three ways to trigger the synchronization sequence.
Manually (via Bit 3 of Register 0x2000, via Bit 3 of
Register 0x2101 for PLL0 and Register 0x2201 for PLL1,
via an op code in an EEPROM download, or via an Mx
pin)
Autoreconfiguration (changes to Q divider values)
Autosynchronization
Autosynchronization is the preferred option for output clock
synchronization.
A synchronization trigger event is channel specific, applying to
either PLL0 or PLL1. The exception is manual synchronization,
which can apply to both channels via Bit 3 of Register 0x2000.
Assertion of Bit 3 does not imply synchronization of both
channels relative to each other but causes a simultaneous triggering
of the synchronization process for both channels.
A synchronization trigger initiates the synchronization
sequence. Following a trigger event, the synchronization
controller checks whether Bit 2 of Register 0x10DB or Register
0x14DB is set. If so, the synchronization controller waits for a
hitless profile to become valid before muting all outputs (because
reference synchronization is only viable for zero delay/hitless
translation modes).
Next, the synchronization controller confirms that the output
drivers are muted and then puts the P dividers and Q dividers
in a reset state (for the controller to load new Q divider
configuration information, for example, a new divide ratio).
Then the synchronization controller again checks whether Bit 2
of Register 0x10DB or Register 0x14DB is set so the controller
can align the release of the output clocks with a rising edge of
the active reference. However, if Bit 2 of Register 0x10DB or
Register 0x14DB bit is clear, the synchronization controller
checks for release of manual synchronization (that is, a clearing
of Bit 3 of Register 0x2000, or Bit 3 of Register 0x2101 (for
PLL0) or Bit 3 of Register 0x2201 (for PLL1). The
synchronization controller also checks that the APLL indicates
calibrated and locked status before proceeding.
Next, the synchronization controller unmutes the output
drivers and releases the appropriate Q dividers from their reset
state. Finally, the synchronization controller returns to waiting
for a subsequent synchronization trigger.
The output clock synchronization sequence initiates only when
the system clock is locked and stable.
OUTPUT SIGNALS AFTER POWER-UP OR RESET
A particularly important aspect of the synchronization controller
involves the control of the output clocks following a device
power-up or reset. On power-up or reset, the synchronization
controller waits for a synchronization trigger before activating
the output clocks. Until a synchronization trigger occurs, the
synchronization controller holds all the distribution Q dividers
in a reset state, which prevents any clock signals from
appearing at the OUTxyN and OUTxyP pins. Therefore, the
user must initiate the synchronization sequence to have any
clock signals appear at the output.
MANUAL SYNCHRONIZATION TRIGGER
A manual synchronization trigger occurs when the user sets
one of three manual synchronization bits. Programming Bit 3 =
1 of Register 0x2000 initiates the synchronization sequence for
all the AD9546 output clocks. Alternatively, the user can
synchronize only those outputs associated with one of the PLL
channels by programming Bit 3 = 1 of Register 0x2101 for PLL0
or Bit 3 = 1 of Register 0x2201 for PLL1. The same
synchronization features available via these bits are also
available via any of the Mx pins configured as an input.
Setting any of the D3 bits causes the synchronization sequence
to execute up to the point just before unmuting all drivers. At
that point, the synchronization controller stalls, waiting for the
user to clear the appropriate manual synchronization bit. This
delay allows the user to update the Q divider ratios before the
controller unmutes the output drivers, which does not occur
until the user clears the relevant manual synchronization bit.
AUTORECONFIGURATION SYNCHRONIZATION
TRIGGER
An autoreconfiguration synchronization trigger occurs when
the user changes any of the Q divider ratios and subsequently
sets the IO update bit. However, the autoreconfiguration
synchronization trigger applies only after the synchronization
controller has already completed a synchronization sequence as
the result of a power-up (or reset). After a power-up (or reset)
synchronization sequence completes, any subsequent updates
to the Q divider ratios constitutes an autoreconfiguration
synchronization trigger.
Autoreconfiguration is a convenience feature, because it
synchronizes the outputs automatically when the user changes
one or more Q divider values and subsequently sets the IO
update bit. This feature alleviates the need to initiate a manual
synchronization trigger to change Q divider values. Be aware,
however, that changing a single Q divider value affects all the
clock signals of the corresponding PLL channel. Specifically,
changing the value of any Q0x (where x = A, AA, B, BB, C, or
CC) results in disturbing all the Output 0 clock outputs because
it initiates a synchronization sequence for those outputs.
Likewise, changing the value of any Q1x divider (where x = A,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com