Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9546/PCBZ Datasheet(PDF) 143 Page - Analog Devices

Part # AD9546/PCBZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546/PCBZ Datasheet(HTML) 143 Page - Analog Devices

Back Button AD9546/PCBZ Datasheet HTML 139Page - Analog Devices AD9546/PCBZ Datasheet HTML 140Page - Analog Devices AD9546/PCBZ Datasheet HTML 141Page - Analog Devices AD9546/PCBZ Datasheet HTML 142Page - Analog Devices AD9546/PCBZ Datasheet HTML 143Page - Analog Devices AD9546/PCBZ Datasheet HTML 144Page - Analog Devices AD9546/PCBZ Datasheet HTML 145Page - Analog Devices AD9546/PCBZ Datasheet HTML 146Page - Analog Devices AD9546/PCBZ Datasheet HTML 147Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 143 of 205
CAVEATS OF CASCADED DPLL OPERATION
The recommendation is to avoid using reference synchronization
when employing cascaded DPLL operation (see the Reference
Synchronization section).
When the profile targeted by the assigned inactive profile index
becomes inactive, certain aspects of the target profile
configuration still matter (even though the target profile is
inactive), as follows:
The translation type (phase buildout or hitless—see the
Translation Modes section). For phase buildout mode, the
APLL associated with the primary DPLL must be in a
calibrated and locked state. For hitless (internal) mode, the
APLL associated with the primary DPLL must be in a
calibrated and locked state, and the selected distribution
path must be active (that is, a synchronization event has
occurred (see the Distribution Output Clock
Synchronization section) on the channel associated with
the secondary DPLL).
The device uses the information related to the feedback
configuration of the primary DPLL (even though the
primary DPLL is effectively operating open loop, that is,
holdover or freerun).
The user cannot specify fractional feedback division for the
primary DPLL (that is, the device ignores the fractional
portion of the feedback divider when operating in the
cascaded DPLL configuration). Furthermore, the user
must properly program the buildout N divider value in the
targeted inactive profile (even if the targeted inactive
profile is a hitless (internal) profile). See the DPLL
Feedback Divider (N Divider) section for details relating to
the buildout N divider.
The user cannot specify the external zero delay configuration
for cascaded DPLL operation.
The device uses the information related to time stamp
tagging according to the primary DPLL. Specifically, the
tagging mode defined for the feedback path of the primary
DPLL determines whether time stamp tags are available on
the reference input path of the secondary DPLL. Thus, the
targeted inactive profile for the primary DPLL must use a
value of 2, 3, or 4 as the tag mode. In addition, the translation
profile for the secondary DPLL must use a value of 1, 3, or 4
as the tag mode (see Table 86 regarding the tag modes).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com