Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28075PZP Datasheet(PDF) 96 Page - Texas Instruments

Part # TMS320F28075PZP
Description  TMS320F2807x Microcontrollers
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28075PZP Datasheet(HTML) 96 Page - Texas Instruments

Back Button TMS320F28075PZP Datasheet HTML 92Page - Texas Instruments TMS320F28075PZP Datasheet HTML 93Page - Texas Instruments TMS320F28075PZP Datasheet HTML 94Page - Texas Instruments TMS320F28075PZP Datasheet HTML 95Page - Texas Instruments TMS320F28075PZP Datasheet HTML 96Page - Texas Instruments TMS320F28075PZP Datasheet HTML 97Page - Texas Instruments TMS320F28075PZP Datasheet HTML 98Page - Texas Instruments TMS320F28075PZP Datasheet HTML 99Page - Texas Instruments TMS320F28075PZP Datasheet HTML 100Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 192 page
background image
7.10.2.1 CMPSS Electrical Data and Timing
Section 7.10.2.1.1 shows the comparator electrical characteristics. Figure 7-35 shows the CMPSS comparator
input referred offset. Figure 7-36 shows the CMPSS comparator hysteresis.
7.10.2.1.1 Comparator Electrical Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power-up time
500(2)
µs
Comparator input (CMPINxx) range
0
VDDA
V
Input referred offset error
Low common mode, inverting input set
to 50 mV
–20
20
mV
Hysteresis(1)
1x
12
CMPSS
DAC LSB
2x
24
3x
36
4x
48
Response time (delay from CMPINx input change
to output on ePWM X-BAR or Output X-BAR)
Step response
21
60
ns
Ramp response (1.65 V/µs)
26
Ramp response (8.25 mV/µs)
30
Common Mode Rejection Ratio (CMRR)
40
dB
(1)
The CMPSS DAC is used as the reference to determine how much hysteresis to apply. Therefore, hysteresis will scale with the
CMPSS DAC reference voltage. Hysteresis is available for all comparator input source configurations.
(2)
See the "Analog Bandgap References" advisory of the TMS320F2807x MCUs Silicon Errata .
Note
The CMPSS inputs must be kept below VDDA + 0.3 V to ensure proper functional operation. If a
CMPSS input exceeds this level, an internal blocking circuit will isolate the internal comparator from
the external pin until the external pin voltage returns below VDDA + 0.3 V. During this time, the internal
comparator input will be floating and can decay below VDDA within approximately 0.5 µs. After this
time, the comparator could begin to output an incorrect result depending on the value of the other
comparator input.
CTRIPx = 0
0
CMPINxN or
DACxVAL
CTRIPx = 1
Input Referred Offset
COMPINxP
Voltage
CTRIPx
Logic Level
Figure 7-35. CMPSS Comparator Input Referred Offset
TMS320F28076, TMS320F28075
SPRS902J – OCTOBER 2014 – REVISED FEBRUARY 2021
www.ti.com
96
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F28076 TMS320F28075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com