Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F280041PMS Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # F280041PMS
Description  TMS320F28004x Microcontrollers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

F280041PMS Datasheet(HTML) 3 Page - Texas Instruments

  F280041PMS Datasheet HTML 1Page - Texas Instruments F280041PMS Datasheet HTML 2Page - Texas Instruments F280041PMS Datasheet HTML 3Page - Texas Instruments F280041PMS Datasheet HTML 4Page - Texas Instruments F280041PMS Datasheet HTML 5Page - Texas Instruments F280041PMS Datasheet HTML 6Page - Texas Instruments F280041PMS Datasheet HTML 7Page - Texas Instruments F280041PMS Datasheet HTML 8Page - Texas Instruments F280041PMS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 230 page
background image
3 Description
C2000™ 32-bit microcontrollers are optimized for processing, sensing, and actuation to improve closed-loop
performance in real-time control applications such as industrial motor drives; solar inverters and digital power;
electrical vehicles and transportation; motor control; and sensing and signal processing.
The TMS320F28004x (F28004x) is a powerful 32-bit floating-point microcontroller unit (MCU) that lets designers
incorporate crucial control peripherals, differentiated analog, and nonvolatile memory on a single device.
The real-time control subsystem is based on TI’s 32-bit C28x CPU, which provides 100 MHz of signal processing
performance. The C28x CPU is further boosted by the new TMU extended instruction set, which enables fast
execution of algorithms with trigonometric operations commonly found in transforms and torque loop
calculations; and the VCU-I extended instruction set, which reduces the latency for complex math operations
commonly found in encoded applications.
The CLA allows significant offloading of common tasks from the main C28x CPU. The CLA is an independent
32-bit floating-point math accelerator that executes in parallel with the CPU. Additionally, the CLA has its own
dedicated memory resources and it can directly access the key peripherals that are required in a typical control
system. Support of a subset of ANSI C is standard, as are key features like hardware breakpoints and hardware
task-switching.
The F28004x supports up to 256KB (128KW) of flash memory divided into two 128KB (64KW) banks, which
enables programming and execution in parallel. Up to 100KB (50KW) of on-chip SRAM is also available in
blocks of 4KB (2KW) and 16KB (8KW) for efficient system partitioning. Flash ECC, SRAM ECC/parity, and dual-
zone security are also supported.
High-performance analog blocks are integrated on the F28004x MCU to further enable system consolidation.
Three separate 12-bit ADCs provide precise and efficient management of multiple analog signals, which
ultimately boosts system throughput. Seven PGAs on the analog front end enable on-chip voltage scaling before
conversion. Seven analog comparator modules provide continuous monitoring of input voltage levels for trip
conditions.
The TMS320C2000™ microcontrollers contain industry-leading control peripherals with frequency-independent
ePWM/HRPWM and eCAP allow for a best-in-class level of control to the system. The built-in 4-channel SDFM
allows for seamless integration of an oversampling sigma-delta modulator across an isolation barrier.
Connectivity is supported through various industry-standard communication ports (such as SPI, SCI, I2C, LIN,
and CAN) and offers multiple muxing options for optimal signal placement in a variety of applications. New to the
C2000 platform is the fully compliant PMBus. Additionally, in an industry first, the FSI enables high-speed, robust
communication to complement the rich set of peripherals that are embedded in the device.
A specially enabled device variant, TMS320F28004xC, allows access to the Configurable Logic Block (CLB) for
additional interfacing features and allows access to the secure ROM, which includes a library to enable
InstaSPIN-FOC™. See Device Comparison for more information.
The Embedded Real-Time Analysis and Diagnostic (ERAD) module enhances the debug and system analysis
capabilities of the device by providing additional hardware breakpoints and counters for profiling.
To learn more about the C2000 MCUs, visit the C2000 Overview at www.ti.com/c2000.
www.ti.com
TMS320F280049, TMS320F280049C, TMS320F280048, TMS320F280048C, TMS320F280045,
TMS320F280041, TMS320F280041C, TMS320F280040, TMS320F280040C
SPRS945F – JANUARY 2017 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TMS320F280049 TMS320F280049C TMS320F280048 TMS320F280048C
TMS320F280045 TMS320F280041 TMS320F280041C TMS320F280040 TMS320F280040C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com