Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F280041PMS Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # F280041PMS
Description  TMS320F28004x Microcontrollers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

F280041PMS Datasheet(HTML) 49 Page - Texas Instruments

Back Button F280041PMS Datasheet HTML 45Page - Texas Instruments F280041PMS Datasheet HTML 46Page - Texas Instruments F280041PMS Datasheet HTML 47Page - Texas Instruments F280041PMS Datasheet HTML 48Page - Texas Instruments F280041PMS Datasheet HTML 49Page - Texas Instruments F280041PMS Datasheet HTML 50Page - Texas Instruments F280041PMS Datasheet HTML 51Page - Texas Instruments F280041PMS Datasheet HTML 52Page - Texas Instruments F280041PMS Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 230 page
background image
6.5 Pins With Internal Pullup and Pulldown
Some pins on the device have internal pullups or pulldowns. Table 6-9 lists the pull direction and when it is
active. The pullups on GPIO pins are disabled by default and can be enabled through software. To avoid any
floating unbonded inputs, the Boot ROM will enable internal pullups on GPIO pins that are not bonded out in a
particular package. Other pins noted in Table 6-9 with pullups and pulldowns are always on and cannot be
disabled.
Table 6-9. Pins With Internal Pullup and Pulldown
PIN
RESET
(XRSn = 0)
DEVICE BOOT
APPLICATION
GPIOx (including AIOs)
Pullup disabled
Pullup disabled(1)
Application defined
GPIO35/TDI
Pullup disabled
Application defined
GPIO37/TDO
Pullup disabled
Application defined
TCK
Pullup active
TMS
Pullup active
VREGENZ
Pulldown active
XRSn
Pullup active
Other pins
No pullup or pulldown present
(1)
Pins not bonded out in a given package will have the internal pullups enabled by the Boot ROM.
www.ti.com
TMS320F280049, TMS320F280049C, TMS320F280048, TMS320F280048C, TMS320F280045,
TMS320F280041, TMS320F280041C, TMS320F280040, TMS320F280040C
SPRS945F – JANUARY 2017 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: TMS320F280049 TMS320F280049C TMS320F280048 TMS320F280048C
TMS320F280045 TMS320F280041 TMS320F280041C TMS320F280040 TMS320F280040C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com