Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90PWM2 Datasheet(PDF) 78 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 78 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 74Page - ATMEL Corporation AT90PWM2 Datasheet HTML 75Page - ATMEL Corporation AT90PWM2 Datasheet HTML 76Page - ATMEL Corporation AT90PWM2 Datasheet HTML 77Page - ATMEL Corporation AT90PWM2 Datasheet HTML 78Page - ATMEL Corporation AT90PWM2 Datasheet HTML 79Page - ATMEL Corporation AT90PWM2 Datasheet HTML 80Page - ATMEL Corporation AT90PWM2 Datasheet HTML 81Page - ATMEL Corporation AT90PWM2 Datasheet HTML 82Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 365 page
background image
78
AT90PWM2/3
4317B–AVR–02/05
Alternate Functions of Port E
The Port E pins with alternate functions are shown in Table 33.
The alternate pin configuration is as follows:
• XTAL2/ADC0 – Bit 2
XTAL2: Chip clock Oscillator pin 2. Used as clock pin for crystal Oscillator or Low-fre-
quency crystal Oscillator. When used as a clock pin, the pin can not be used as an I/O
pin.
ADC0, Analog to Digital Converter, input channel 0.
• XTAL1/OC0B – Bit 1
XTAL1: Chip clock Oscillator pin 1. Used for all chip clock sources except internal cali-
brated RC Oscillator. When used as a clock pin, the pin can not be used as an I/O pin.
OC0B, Output Compare Match B output: This pin can serve as an external output for the
Timer/Counter0 Output Compare B. The pin has to be configured as an output (DDE1
set “one”) to serve this function. This pin is also the output pin for the PWM mode timer
function.
• RESET/OCD – Bit 0
Table 32. Overriding Signals for Alternate Functions in PD3..PD0
Signal Name
PD3/I
PD2/
PD1/I
PD0/
PUOE
––
–
–
PUOV
––
–
–
DDOE
––
–
–
DDOV
––
–
–
PVOE
––
–
–
PVOV
––
–
–
PTOE
––
–
–
DIEOE
––
–
–
DIEOV
––
–
–
DI
––
–
–
AIO
––
–
–
Table 33. Port E Pins Alternate Functions
Port Pin
Alternate Function
PE2
XTAL2: XTAL Output
ADC0 (Analog Input Channel 0)
PE1
XTAL1: XTAL Input
OC0B (Timer 0 Output Compare B)
PE0
RESET# (Reset Input)
OCD (On Chip Debug I/O)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com