Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90PWM2 Datasheet(PDF) 54 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 54 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 50Page - ATMEL Corporation AT90PWM2 Datasheet HTML 51Page - ATMEL Corporation AT90PWM2 Datasheet HTML 52Page - ATMEL Corporation AT90PWM2 Datasheet HTML 53Page - ATMEL Corporation AT90PWM2 Datasheet HTML 54Page - ATMEL Corporation AT90PWM2 Datasheet HTML 55Page - ATMEL Corporation AT90PWM2 Datasheet HTML 56Page - ATMEL Corporation AT90PWM2 Datasheet HTML 57Page - ATMEL Corporation AT90PWM2 Datasheet HTML 58Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 365 page
background image
54
AT90PWM2/3
4317B–AVR–02/05
Watchdog Timer Control
Register - WDTCSR
• Bit 7 - WDIF: Watchdog Interrupt Flag
This bit is set when a time-out occurs in the Watchdog Timer and the Watchdog Timer is
configured for interrupt. WDIF is cleared by hardware when executing the corresponding
interrupt handling vector. Alternatively, WDIF is cleared by writing a logic one to the flag.
When the I-bit in SREG and WDIE are set, the Watchdog Time-out Interrupt is
executed.
• Bit 6 - WDIE: Watchdog Interrupt Enable
When this bit is written to one and the I-bit in the Status Register is set, the Watchdog
Interrupt is enabled. If WDE is cleared in combination with this setting, the Watchdog
Timer is in Interrupt Mode, and the corresponding interrupt is executed if time-out in the
Watchdog Timer occurs.
If WDE is set, the Watchdog Timer is in Interrupt and System Reset Mode. The first
time-out in the Watchdog Timer will set WDIF. Executing the corresponding interrupt
vector will clear WDIE and WDIF automatically by hardware (the Watchdog goes to Sys-
tem Reset Mode). This is useful for keeping the Watchdog Timer security while using
the interrupt. To stay in Interrupt and System Reset Mode, WDIE must be set after each
interrupt. This should however not be done within the interrupt service routine itself, as
this might compromise the safety-function of the Watchdog System Reset mode. If the
interrupt is not executed before the next time-out, a System Reset will be applied.
Note:
1. For the WDTON Fuse “1” means unprogrammed while “0” means programmed.
• Bit 4 - WDCE: Watchdog Change Enable
This bit is used in timed sequences for changing WDE and prescaler bits. To clear the
WDE bit, and/or change the prescaler bits, WDCE must be set.
Once written to one, hardware will clear WDCE after four clock cycles.
• Bit 3 - WDE: Watchdog System Reset Enable
WDE is overridden by WDRF in MCUSR. This means that WDE is always set when
WDRF is set. To clear WDE, WDRF must be cleared first. This feature ensures multiple
resets during conditions causing failure, and a safe start-up after the failure.
• Bit 5, 2..0 - WDP3..0: Watchdog Timer Prescaler 3, 2, 1 and 0
The WDP3..0 bits determine the Watchdog Timer prescaling when the Watchdog Timer
is running. The different prescaling values and their corresponding time-out periods are
shown in Table 19 on page 55.
Bit
765
432
10
WDIF
WDIE
WDP3
WDCE
WDE
WDP2
WDP1
WDP0
WDTCSR
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
X
0
0
0
Table 18. Watchdog Timer Configuration
WDTON
(1)
WDE
WDIE
Mode
Action on Time-out
0
0
0
Stopped
None
0
0
1
Interrupt Mode
Interrupt
0
1
0
System Reset Mode
Reset
01
1
Interrupt and System
Reset Mode
Interrupt, then go to
System Reset Mode
1
x
x
System Reset Mode
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com