Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90PWM2 Datasheet(PDF) 205 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 205 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 201Page - ATMEL Corporation AT90PWM2 Datasheet HTML 202Page - ATMEL Corporation AT90PWM2 Datasheet HTML 203Page - ATMEL Corporation AT90PWM2 Datasheet HTML 204Page - ATMEL Corporation AT90PWM2 Datasheet HTML 205Page - ATMEL Corporation AT90PWM2 Datasheet HTML 206Page - ATMEL Corporation AT90PWM2 Datasheet HTML 207Page - ATMEL Corporation AT90PWM2 Datasheet HTML 208Page - ATMEL Corporation AT90PWM2 Datasheet HTML 209Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 365 page
background image
205
AT90PWM2/3
4317B–AVR–02/05
The Data OverRun (DOR) flag indicates data loss due to a receiver buffer full condition.
A Data OverRun occurs when the receive buffer is full (two characters), it is a new char-
acter waiting in the Receive Shift Register, and a new start bit is detected. If the DOR
flag is set there was one or more serial frame lost between the frame last read from
UDR, and the next frame read from UDR. For compatibility with future devices, always
write this bit to zero when writing to UCSRA. The DOR flag is cleared when the frame
received was successfully moved from the Shift Register to the receive buffer.
The following example (See Figure 102.) represents a Data OverRun condition. As the
receive buffer is full with CH1 and CH2, CH3 is lost. When a Data OverRun condition is
detected, the OverRun error is memorized. When the two characters CH1 and CH2 are
read from the receive buffer, the DOR bit is set (and not before) and RxC remains set to
warn the application about the overrun error.
Figure 102. Data OverRun example
The Parity Error (UPE) Flag indicates that the next frame in the receive buffer had a Par-
ity Error when received. If Parity Check is not enabled the UPE bit will always be read
zero. For compatibility with future devices, always set this bit to zero when writing to
UCSRA. For more details see “Parity Bit Calculation” on page 197 and “Parity Checker”
on page 205.
Parity Checker
The Parity Checker is active when the high USART Parity mode (UPM1) bit is set. Type
of Parity Check to be performed (odd or even) is selected by the UPM0 bit. When
enabled, the Parity Checker calculates the parity of the data bits in incoming frames and
compares the result with the parity bit from the serial frame. The result of the check is
stored in the receive buffer together with the received data and stop bits. The Parity
Error (UPE) flag can then be read by software to check if the frame had a Parity Error.
The UPE bit is set if the next character that can be read from the receive buffer had a
Parity Error when received and the Parity Checking was enabled at that point (UPM1 =
1). This bit is valid until the receive buffer (UDR) is read.
CH1
CH2
CH3
RxD
RxC
DOR
t
Software Access
to Receive buffer
RxC=1
UDR=CH1
DOR=0
RxC=1
UDR=CH2
DOR=0
RxC=1
UDR=XX
DOR=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com