Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90PWM2 Datasheet(PDF) 217 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 217 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 213Page - ATMEL Corporation AT90PWM2 Datasheet HTML 214Page - ATMEL Corporation AT90PWM2 Datasheet HTML 215Page - ATMEL Corporation AT90PWM2 Datasheet HTML 216Page - ATMEL Corporation AT90PWM2 Datasheet HTML 217Page - ATMEL Corporation AT90PWM2 Datasheet HTML 218Page - ATMEL Corporation AT90PWM2 Datasheet HTML 219Page - ATMEL Corporation AT90PWM2 Datasheet HTML 220Page - ATMEL Corporation AT90PWM2 Datasheet HTML 221Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 365 page
background image
217
AT90PWM2/3
4317B–AVR–02/05
Examples of Baud Rate
Setting
For standard crystal, resonator and external oscillator frequencies, the most commonly
used baud rates for asynchronous operation can be generated by using the UBRR set-
tings in Table 83 up to Table 86. UBRR values which yield an actual baud rate differing
less than 0.5% from the target baud rate, are bold in the table. Higher error ratings are
acceptable, but the Receiver will have less noise resistance when the error ratings are
high, especially for large serial frames (see “Asynchronous Operational Range” on page
208). The error values are calculated using the following equation:
Error[%]
1
BaudRate
Closest Match
BaudRate
--------------------------------------------------------
–
⎝⎠
⎛⎞
100%
•
=
Table 83. Examples of UBRR Settings for Commonly Frequencies
Baud
Rate
(bps)
fclk
io = 1.0000 MHz
fclk
io = 1.8432 MHz
fclk
io = 2.0000 MHz
U2X = 0
U2X = 1
U2X = 0
U2X = 1
U2X = 0
U2X = 1
UBRR
Error
UBRR
Error
UBRR
Error
UBRR
Error
UBRR
Error
UBRR
Error
2400
25
0.2%
51
0.2%
47
0.0%
95
0.0%
51
0.2%
103
0.2%
4800
12
0.2%
25
0.2%
23
0.0%
47
0.0%
25
0.2%
51
0.2%
9600
6-7.0%
12
0.2%
11
0.0%
23
0.0%
12
0.2%
25
0.2%
14.4k
38.5%8
-3.5%
70.0%
15
0.0%
8
-3.5%
16
2.1%
19.2k
28.5%6
-7.0%
50.0%
11
0.0%
6-7.0%
12
0.2%
28.8k
18.5%3
8.5%
3
0.0%
7
0.0%
3
8.5%
8
-3.5%
38.4k
1
-18.6%
2
8.5%
2
0.0%
5
0.0%
2
8.5%
6
-7.0%
57.6k
08.5%1
8.5%
1
0.0%
3
0.0%
18.5%
3
8.5%
76.8k
–
–
1
-18.6%
1
-25.0%
20.0%
1
-18.6%
2
8.5%
115.2k
–
–
08.5%
0
0.0%
1
0.0%
08.5%
1
8.5%
230.4k
–
–––––0
0.0%
––––
250k
–
––––––
–––––
500k
–
––––––
–––––
1M
–
––––––
–––––
Max.
(1)
62.5 kbps
125 kbps
115.2 kbps
230.4 Kbps
125 kpbs
250 kbps
1.
UBRR = 0, Error = 0.0%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com